Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 27 Page - Anachip Corp

Part # ADP7182ACPZ-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-R7 Datasheet(HTML) 27 Page - Anachip Corp

Back Button ADP7182ACPZ-R7 Datasheet HTML 20Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 21Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 22Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 23Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 24Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 25Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 26Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 27Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 28Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADP7182
Rev. A | Page 27 of 28
OUTLINE DIMENSIONS
PIN 1
INDICATOR
(R 0.2)
BOTTOM VIEW
TOP VIEW
1
4
8
5
INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
0.30
0.25
0.18
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
0.20 REF
0.50 BSC
COPLANARITY
0.08
2.48
2.38
2.23
1.74
1.64
1.49
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED-4
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
EXPOSED
PAD
3.10
3.00 SQ
2.90
Figure 97. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package Option
Branding
ADP7182ACPZ-R7
−40°C to +125°C
Adjustable
8-Lead LFCSP_WD
CP-8-5
LN6
ADP7182ACPZ-5.0-R7
−40°C to +125°C
−5
8-Lead LFCSP_WD
CP-8-5
LN9
ADP7182CP-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com