Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2319 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2319 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin Configuration and Marking Information
BN: Product Code of PAM2319
v :
v :
Output Voltage 2
(refer to “Ordering
Information”)
X:
Internal Code
Y:
Year
W: Week
1
2
Output Voltage 1
12/2011 Rev1.1
QFN3x3
Name
Function
1
FB2
Chann el 2
feedback pin internally set to 0.6V.
2
VIN2
Input voltage pin of channel 2.
3
AGND2
Signal ground of channel 2 for small signal components.
4
VIN1
Input voltage pin of channel 1.
5
PGND1
Main power ground pin of channel 1
6
SW1
Chann el 1
switching pin. The drains of the internal main and s ynchronous power
MOSFET.
7
FB1
Chann el 1
feedback pin internally set to 0.6V.
8
AGND1
Signal ground of channel 1 for small signal components.
9
EN1
Enable control input. Pull logic high to enable Vo1. Pull logic low to disable.
10
EN2
Enable control input. Pull logic high to enable Vo2. Pull logic low to disable.
11
PGND2
Main power ground pin of channel 2
12
SW2
Chann el 2
switching pin. The drains of the internal main and s ynchronous power
MOSFET.
Exposed
PAD
Connect to GND
Pin Description
TOP VIEW
WDFN-12L 3x3
SW
1
FB
2
E 2
N
PGND1
11
10
9
1
2
3
4
5
12
6
7
8
GN D
(Exposed Pad)
VIN1
VIN2
SW
2
E 1
N
FB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com