Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2319 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Short Circuit Protection
PCB Layout Check List
Channel 1:
The swich peak current is limited cycle-by-cycle
to
a typical vaule in the event of an output
voltage short circuit. The device operates with a
frequency of 1MHz and minimum duty clycle.
Therefore the average input current is typical
350mA(Vin=3.3V).
Channel 2:
When the converter output is shorted or the
device is overloaded,each high-side MOSFET
current-limit event (3A typ) turns off the high-side
MOSFET and turns on the low-side MOSFET. A
internal counter is used to count the each
cur rent-limit event. The counter is reset after
consecutive high-side MOSFETs turn on without
r e a c h i n g cu r r e n t li m it . I f t h e c u rr e n t -l i m i t
condition persists, the counter fills up. The
control logic then stops both high-side and low-
side MOSFETs and waits for a hiccup period,
before attemping a new soft-start sequence. The
counter bits is decided by Vfb voltage. If Vfb
0 2, the counter is 3-bit counter; if Vfb>0.2 the
counter is 6-bit counter. The typical hicuup made
duty cycle is 1.7%. The hiccup mode is disable
during soft-start time.
When laying out the printed circuit board, the
following checklist should be used to ensure
proper operation of the PAM2319. Check the
following in your layout:
1.
The input capacitor should be close to IC as
close as possible.
2.
Minimize the switching loop area to avoid
excessive switching noise.
3.
Two parts GND should be separately layout
to avoid disturbing by each other.
4.
Must put a small decoupling capacitor
between Vin2 Pin and AGND2 Pin.
5.
Vo2 output capacitor should be close to
o u t p u t c o n n e c t o r t o m i n i m i z e P C B t r a c e
resistance affect on ripple voltage. Recommend
use two output capacitor, one close to inductor
and IC, another close to output connector.
6.
PGND1 Pin should not directly connect to the
thermal pad (PGND), it should connect to input
capacitor GND then to other GND.
7.
AGND should connect to PGND at input
capacitor GND.
8.
For the good thermal dissipation, PAM2316
has a heat dissipate pad in the bottom side, it
should be soldered to PCB surface. For the
copper area can't be large in the component side,
so we can use multiple vias connect to other side
of the PCB.
9.
Avoid using vias in the high-current paths. If
vias are unavoidable, use multiple vias in parallel
to reduce resistance and inductance.
≤
.
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
12/2011 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com