Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2319 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
13
,
Power Analog Microelectronics Inc
www.poweranalog.com
Outline Dimensions
12/2011 Rev1.1
3x3 mm WDFN 12
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
2.950
3.050
0.116
0.120
D2
2.300
2.650
0.091
0.104
E
2.950
3.050
0.116
0.120
E2
1.400
1.750
0.055
0.069
e
0.450
0.018
L
0.350
0.450
0.014
0.018
1
1
2
2
Note :The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com