Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2319 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2319 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
Electrical Characteristic
T =25 C, V =3.3V, V =1.2V, C =10µF, C =10µF, L=1.0µH, unless otherwise noted.
A
IN
O
IN
O
O
Channel 2
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.7
5.5
V
VIN Rising
2.6
2.7
V
Hysteresis
250
mV
UVLO Threshold
VUVLO
VIN Falling
2
V
Regulated Feedback Voltage
VFB
0.588
0.6
0.612
V
Reference Voltage Line Regulation
ΔV
FB
0.3
%/V
Regulated Output Voltage Accurac y
VO
IO = 100mA
-3
+3
%
Peak Inductor Current
IPK
3
A
Output Voltage Line Regulation
LNR
VIN = 2.7V to 5V, IO=10mA
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO=0mA to 2000mA
-2
2
%
Quiescent Current
IQ
No load
55
100
µA
Shutdown Current
ISD
VEN = 0V
0.1
1
µA
Oscillator Frequency
fOSC
VO = 100%
2.5
MHz
P MOSFET
0.11
Ω
Drain-Sourc e On-State Resistance
RDS(O N)
N MOSFET
0.085
Ω
SW Leakage Current
ILSW
±0.01
1
µA
Efficiency
η
Io= 500mA,VIN=3.3V
87
%
PSM Threshold
ITH
Vin=3.3V
250
450
mA
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leak age Current
IEN
±0.01
µA
Soft-start
TON
From EN2 to Output
250
uS
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C
12/2011 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com