Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2319 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2319 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
°C
T =25
,V =1.8V, C =10µF, C =10µF, L=1.0µH,unless otherwise noted.
A
O
IN
O
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
12/2011 Rev1.1
Output Voltage vs Output Current
Feedback Voltage vs Output Current
Quiescent Current vs Input Voltage
Efficiency vs Output Current
Channel 1
1.81
1.811
1.812
1.813
1.814
1.815
1.816
1.817
1.818
1.819
1.82
0
100
200
300
400
500
600
700
800
900 1000
Output Current(m A)
Vi n=3.3V
Vi n=4.2V
Vi n=5V
598
599
600
601
602
603
604
605
606
0
2 00
40 0
60 0
80 0
10 00
Outpu t Cu rre nt(mA)
V in= 3.3V
V in= 4.2V
V in= 5V
0
5
10
15
20
25
30
35
40
45
50
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage(V)
R
vs Input Voltage
DS(ON)
Load Transient
0. 00
0. 05
0. 10
0. 15
0. 20
0. 25
0. 30
0. 35
0. 40
2.5
3
3.5
4
4.5
5
5. 5
6
Input Voltage(V)
Vin=3.3V,Vo=1.8V,Io=0~1A,f=1kHz
Output
Current
Output
Voltage
PMOS
40
50
60
70
80
90
100
1
10
100
1000
Output Current(mA)
Vin=3.3V
Vin=4.2V
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com