Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2319 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2319 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
12/2011 Rev1.1
Features
Applications
General Description
n
n
Supply Voltage:2.7V to 5.5V
Output Voltage:
Vo1 ADJ/1000mA
Vo2 ADJ/2000mA
Low Quiescent Current:
Channel 1: 40uA; Channel 2: 55uA
High Efficiency:
Switching Frequency: 3MHz(Channel 1)
2.5MHz(Channel 2)
Internal Synchronous Rectifier
Soft Start
Under-Voltage Lockout
Short Circuit Protection
Thermal Shutdown
Small WDFN3X3-12L Pb-Free/Halogen
Free Package
RoHS/REACH Compliant
Portable Electronics
Personal Information Appliances
Wireless and DSL Modems
The PAM2319 is a dual step-down current-mode,
DC-DC converter. At heavy load, the constant-
f r e q u e n c y P W M c o n t r o l p e r f o r m s e x c e l l e n t
stability and transient response. To ensure the
longest battery life in portable applications, the
PA M 2 3 1 9 p r o v i d e s a p o w e r - s a v i n g P u l s e -
Skipping Modulation (PSM) mode to reduce
quiescent current under light load operation.
The PAM2319 supports a range of input voltages
from 2.7V to 5.5V, allowing the use of a single
Li+/Li-polymer cell, multiple Alkaline/NiMH cell,
USB, and other standard power sources. The dual
output voltages are adjustable from 1.0V to 3.3V .
Both channels employ internal power switch and
synchronous rectifier to minimize external part
c o u n t a n d r e a l i z e h i g h e f f i c i e n c y. D u r i n g
shutdown, the input is disconnected from the
output and the shutdown current is less than
0.1 A. Other key features include under-voltage
lo ckou t,so ft-sta rt,sho rt circuit p ro tection and
thermal shutdown.
n
n
n
n
n
n
n
n
n
n
n
n
n
μ
Typical Application
Figure 1. Adjustable Voltage Regulator
C in 1
1 uF
0
C i n2
1 u F
0
0
0
0
0
VIN1( 4)
(8)AGND 1
(6 )SW1
EN 1(9 )
(5 )PGN D1
(7 )FB 1
PAM23 19
EN 2 (1 0)
VIN2 (2 )
(1 )FB2
(3)AGND 2
( 12) SW2
(1 1)P GN D2
L1
1 .0u H
1
2
R 1 1
3 0 0 k
R 1 2
1 5 0 k
C fw1
10 0 pF
C in
1 0 uF
Co 1
10u F
0
0
Vo1
1 .8 V/1 00 0 m A
L 2
1 .0 uH
1
2
R 2 1
1 5 0 k
R 2 2
1 5 0 k
C fw2
10 0 pF
Co 2
10 uF
0
0
Vo 2
1 .2 V/2 00 0 m A
0
VIN
2.7 V--5 .5V


Similar Part No. - PAM2319

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319AYAA DIODES-PAM2319AYAA Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
More results

Similar Description - PAM2319

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2306 PAM-PAM2306 Datasheet
407Kb / 15P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com