Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8615 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8615 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
2
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
02/2012 Rev1.1
BTL Configuration
OTP
On/Off
Depop
SC
Detect
MS_SV
5V
LDO
AVDD
AVCC
OSC/RAMP
Protection
Logic
AGND
DGND
ROSC
SYNC
+
_
Driver
Driver
PVCC_A
OUT_A
PGND_A
PVCC_B
OUT_B
PGND_B
BST_A
BST_B
VCM
IN_B
DCV
VCLAMP
Modulation
Logic
Modulation
Logic
+
_
2-order
ERROR
AMP
2-order
ERROR
AMP
+
-
+
-
Gain
Adj
IN_A
Gain
Adj
VCM
Gain
Control
VCM
SHDN
MUTE
VLCAMP
VLCAMP
FB
FB
PAM86 15
OU T_A
1
PV CC_ A
2
SH DN
3
MU TE
4
IN_A
5
DG ND
6
IN_B
7
VC M
8
DC V
9
MS_SV
10
PV CC_ B
11
OU T_B
12
O UT_B
13
PG N D_B
14
BST_B
15
VC LAMP
16
SY N C
17
AG N D
18
RO SC
19
AVD D
20
AVC C
21
BST_A
22
PG N D_A
23
O UT_A
24
1uF
1uF
0.22uF
0.22uF
47 0uF
1uF
100 k
O N
SH D N
VC C
MUT E
O N
R i1
Ri2
IN -
IN +
10 uF
0.1u F
Vol ume
47 0uF
VCC
10 uF
0.1u F
100 0p F
100 0p F
VC C
1uF
1uF
0 .1uF
10u F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com