Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8615 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
+0
+24
+2
+4
+6
+8
+10
+12
+14
+16
+18
+20
+22
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.1
20
0.2
0.5
1
2
5
10
%
1m
20
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
W
Typical Performance Characteristics
V =24V,R =8 ,T =25 C
DD
L
A
Ω
° (unless otherwise noted).
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
1. THD Power — S
(Load=8
ingle-Ended
Ω )
3. Frequency response — Single-Ended
5. PSRR— Single-Ended
6. THD Power — Single-Ended
4. Cross talk— Single-Ended
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
0 .0 1
3 0
0 .0 2
0 .0 5
0. 1
0. 2
0. 5
1
2
5
1 0
2 0
%
1 0
20 k
2 0
50
10 0
20 0
50 0
1k
2 k
5 k
10 k
Hz
- 10 0
-3 0
-9 5
-9 0
-8 5
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
d
B
2 0
2 0k
50
1 0 0
20 0
50 0
1 k
2 k
5 k
1 0k
H z
T T T T T
T T
T
T T T T T
T T
-10 0
-2 0
-9 5
-9 0
-8 5
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
-3 0
-2 5
d
B
2 0
20 k
50
1 0 0
20 0
50 0
1k
2k
5 k
1 0k
H z
T T
T
T
T
T
T T
T
T T T T T
02/2012 Rev1.1
G =20dB
V
Gain=20dB
V
=24V
Vpp=200mV
DD
Po=1W
Cout=1000uF
2. THD Power — Single-Ended(load=4 )
Ω
0.08
20
0.2
0.5
1
2
5
10
%
1m
20
2m
5m
10m
20m
50m
100m 200m
500m
1
2
5
10
W
V =12V
DD
V =18V
DD
V =24V
DD
V =12V
DD
V =18V
DD
V =24V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com