Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8615 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8615 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pin Descriptions
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
Pin
N ame
I/O/P
Description
1 .24
OUT_ A
O
H-b ridg e A out put
2
PVCC_ A
P
Power su pply for H-brid ge A, not co nnecte d to PV CC_ B or AVCC
3
S HDN
I
Shu tdown signal for IC (low=shutd own, high=operat io nal). TTL logic
levels with complian ce to AVCC
4
M UTE
I
A logic high on t his p in disables th e outp uts. A low on this pin e nables
the out puts. TTL log ic levels with co mpliance to AVCC
5
IN_A
I
Aud io input for chan ne l A
6
DGND
P
Dig ita l GND
7
IN_B
I
Aud io input for chan ne l B
8
VCM
O
Reference for a nalog ce lls
9
DCV
I
DC volt age setting t he g ain of the amplifier
10
M S_SV
I
Master/Slave sele ct for d eterm in in g dire ct io n of SYNC terminal.
Hig h=M aster mode , S YNC term in al is an out put; Low=Slave m ode,
SY NC terminal accept s a clo ck in put.
11
PVCC_ B
P
Power su pply for H-brid ge B, not co nnecte d to PV CC_ A or AVCC
1 2.13
OUT_ B
O
H-b ridg e B out put
14
PGND_B
P
Power ground for H-bridge B
15
BS T_B
I/ O
Boo tstrap I /O for H-b ridge B hig h-side FET
16
VCLMA P
P
Intern ally generated vo lta ge sup ply f or bootst rap. Not t o be used as a
su pply o r co nnected to an y com po nent other tha n th e deco uplin g
ca pacit or.
17
SYNC
I/ O
Clo ck i np ut/ou tput for synchroni zing multiple cla ss-D d evic es . Directio n
determ ined by MS _SV terminal.
18
A GND
P
Ana lo g GND
19
ROSC
I/ O
Curren t s etting resis tor for ram p g enerator
20
AVDD
P
Ana lo g 5V Re gulated output
21
AVCC
P
Hig h-voltag e an alog p ower supply
22
BS T_A
I/ O
Boo tstrap I /O for H-b ridge A hig h-side FET
23
PGND_A
P
Power ground for H-bridge A
02/2012 Rev1.1
Pin Configuration & Marking Information
TSSOP24
X: Internal Code
Y: Year
WW: Week
LL: Internal Code
OUT_A
PVCC_A
SHDN
MUTE
IN_A
IN_B
VCM
DCV
MS_SV
PVCC_B
OUT_B
OUT_B
PGND_B
BST_B
VCLAMP
SYNC
AGND
AVDD
AVCC
BST_A
PGND_A
OUT_A
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
DGND
ROSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com