Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8615 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8615 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied Exposure to absolute maximum
ratings for prolonged time periods may affect device reliability
All voltages are with respect to
ground
.
.
.
,
Power Analog Microelectronics Inc
www.poweranalog.com
Supply Voltage AVCC, PVCC................-0.3 to 30V
Storage Temperature.....................-65°C to 150
Soldering Temperature.......................
Logic Input Voltage:
SHDN, MUTE........................-0.3V to AVCC+0.3V
DCV, MS_SV, SYNC...............................0 to 5.5V
Analog Input Voltage:
IN-A,IN-B..............................................0 to 5.5V
°C
300°C,5sec
Recommended Operating Conditions
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
Thermal Information
Parameter
Sym bol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
θ
J A
TSSOP-24
30
°C/W
Supply Voltage (Vcc)...........................10V to 26V
DCV Volume Control Pin.........................0V to 5V
Fosc Oscillator Frequency (Rosc=100k
)............
.................................................. 250 to 350kHz
Temperature ....-40°C to 85°C
°C
°C
Junction Temperature Rang......... .....-40°C to 160°C
Ambient Temperature Range...............-40°C to 85°C
Ω
Ta-Operating Free-air
Ambient Operating Temperature.........-20
to 85
02/2012 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com