Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8615 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8615 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Electrical Characteristic
VCC=24V, Gain = 20dB, R =4
T =25°C
unless otherwise noted.
L
A
Ω,
,
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
Test Conditions
MIN
TYP
MAX
Units
|VOS|
Class -D output offs et
voltage(measured differently )
Vi=0V, Av=36dB
10
65
mV
ICC
Quiesc ent Supply Current
SHDN=2V, MUTE=0V,Input
AC_GND, No load
25
40
mA
ICC(MUT
E)
Quiesc ent Supply Current in mute
mode
MUTE=2V, No load
25
40
mA
ICC(SD)
Quiesc ent Supply Current in
shutdown mode
SHDN=0.5V, No load
5
20
uA
Fosc
Os cillator Frequency
Rosc =100kohm
323
k Hz
Rds(on) Drain-s ource on-s tate resist ance
VCC=24V,IO=1A, TA=27ºC
220
m
Ω
PSRR
Power Supply Rejection Ratio
VCC=23.5V to 24.5V
-60
dB
Vcc=24V, RL=4ohm, f=1kHz
14
Vcc=24V, RL=8ohm, f=1kHz
8.2
Vcc=24V, RL=4ohm, f=1kHz
17.3
Vcc=24V, RL=8ohm, f=1kHz
9.8
Vcc=24V, RL=8ohm, f=1kHz
27
Vcc=12V, RL=8ohm, f=1kHz
7
Vcc=24V, RL=8ohm, f=1kHz
35
Vcc=12V, RL=8ohm, f=1kHz
9
RL=4ohm, f=1kHz, Po=10W
0.25%
RL=8ohm, f=1kHz, Po=5W
0.15%
Vn
Output integrated noise floor
20Hz to 22kHz, A-weighted
filter, Gain=20dB
-67
dBV
Cs
Crosstalk
Po=1W, f=1kHz, Gain=20dB
-60
dB
SNR
Signal-to-noise ratio
Max out put at THD+N<1% ,
f=1kHz, Gain=20dB
86
dB
Thermal trip point
160
ºC
Thermal hystersis
40
ºC
PARAMETER
Po(SE)
Output Power at 1% THD+N
Po(BTL)
Output Power at 1% THD+N
Output Power at 10% THD+N
W
Output Power at 10% THD+N
THD+N
Total harmonic dis tortion + noise
W
02/2012 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com