Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8615 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
+20
+40
+22
+24
+26
+28
+30
+32
+34
+36
+38
d
B
r
A
20
20k
50
100
200
500
1 k
2k
5k
10k
Hz
0. 1
20
0. 2
0. 5
1
2
5
10
%
10m
40
20m
50m
100m
200m
500m
1
2
5
10
20
W
Typical Performance Characteristics
V =24V,R =8 ,T =25 C
DD
L
A
Ω
° (unless otherwise noted).
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
7. THD Power — BTL
9. THD Frequency— BTL
10. PSRR— BTL
8. Frequency response— BTL
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
0. 01
30
0. 02
0. 05
0.1
0.2
0.5
1
2
5
10
20
%
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T T T T T
T T T
T T T
T T T
T
T T T
T T T
T
T
T
T T T
T
T
T
02/2012 Rev1.1
G =20dB
V
V =12V
DD
V =18V
DD
V =24V
DD
Cin=1uF
V
=24V
Vpp=200mV
DD
V =15V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com