Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9844 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP9844 Datasheet HTML 23Page - Microchip Technology MCP9844 Datasheet HTML 24Page - Microchip Technology MCP9844 Datasheet HTML 25Page - Microchip Technology MCP9844 Datasheet HTML 26Page - Microchip Technology MCP9844 Datasheet HTML 27Page - Microchip Technology MCP9844 Datasheet HTML 28Page - Microchip Technology MCP9844 Datasheet HTML 29Page - Microchip Technology MCP9844 Datasheet HTML 30Page - Microchip Technology MCP9844 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
 2013 Microchip Technology Inc.
DS20005192A-page 27
MCP9844
5.1.7
RESOLUTION REGISTER
This register allows the user to change the sensor
resolution
(see
Section 5.2.4
“Temperature
Resolution”
). The POR default resolution is 0.25°C.
The selected resolution is also reflected in the
Capability register (see Register 5-2).
Note:
In order to prevent accidentally writing the
resolution register to a higher resolution
and exceeding the maximum temperature
conversion time of tCONV = 125 ms, a Shut-
down command (using the CONFIG regis-
ter) is required to change the resolution
register. The device must be in Shutdown
mode to change the resolution.
REGISTER 5-8:
RESOLUTION REGISTER
‘0000 1001’b
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-1
Resolution
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-2
Unimplemented:
Read as ‘0’
bit 1-0
Resolution:
00
= LSb = 0.5°C (tCONV = 30 ms typical)
01
= LSb = 0.25°C (power up default, tCONV = 65 ms typical)
10
= LSb = 0.125°C (tCONV = 130 ms typical)
11
= LSb = 0.0625°C (tCONV = 260 ms typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com