Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9844 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 1 Page - Microchip Technology

  MCP9844 Datasheet HTML 1Page - Microchip Technology MCP9844 Datasheet HTML 2Page - Microchip Technology MCP9844 Datasheet HTML 3Page - Microchip Technology MCP9844 Datasheet HTML 4Page - Microchip Technology MCP9844 Datasheet HTML 5Page - Microchip Technology MCP9844 Datasheet HTML 6Page - Microchip Technology MCP9844 Datasheet HTML 7Page - Microchip Technology MCP9844 Datasheet HTML 8Page - Microchip Technology MCP9844 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2013 Microchip Technology Inc.
DS20005192A-page 1
MCP9844
Features
•1MHz, 2-wire I2C™ Interface
• User Selectable Measurement Resolution:
- +0.5°C, +0.25°C, +0.125°C, +0.0625°C
• User Programmable Temperature Limits:
- Temperature Window Limit
- Critical Temperature Limit
• User Programmable Temperature Alert Output
• Specified VDD Range: 1.7V to 3.6V
• Operating Current: 100 µA (typical)
• Available Package: 8-Pin TDFN
Temperature Sensor Features
• Temperature-to-Digital Converter (°C)
• Sensor Accuracy (Grade B):
- ±0.2°C/±1°C (typ./max.)
+75°C to +95°C
- ±0.5°C/±2°C (typ./max.)
+40°C to +125°C
- ±1°C/±3°C (typ./max.)
-40°C to +125°C
Typical Applications
• Temperature sensing for Solid State Drive (SSD)
• General Purpose Temperature Datalog
• General Purpose
• Industrial Applications
• Industrial Freezers and Refrigerators
• Food Processing
• Personal Computers and Servers
• PC Peripherals
• Consumer Electronics
• Handheld/Portable Devices
Description
Microchip
Technology
Inc.’s
MCP9844
digital
temperature sensor converts temperature from -40°C
to +125°C to a digital word. It provides an accuracy of
±0.2°C/±1°C (typical/maximum) from +75°C to +95°C
with an operating voltage of 1.7V to 3.6V.
The MCP9844 digital temperature sensor comes with
user programmable registers that provide flexibility for
temperature sensing applications. The registers allow
user selectable settings such as Shutdown or Low-
Power modes, and the specification of temperature
event boundaries. When the temperature changes
beyond the specified event boundary limits, the
MCP9844 outputs an Alert signal at the Event pin. The
user has the option of setting the temperature event
output signal polarity as either an active-low or active-
high comparator output for the thermostat operation, or
as
a
temperature
event
interrupt
output
for
microprocessor-based systems.
This sensor has an industry standard I2C Fast Mode
Plus compatible 1 MHz serial interface.
Package Types
-1.0
0.0
1.0
2.0
3.0
V
DD = 1.7 V to 3.6 V
16 units
Spec. Limits
+Std. Dev.
Average
-3.0
-2.0
-40
-20
0
20
40
60
80
100
120
T
A (°C)
g
-Std. Dev.
8-Pin 2x3 TDFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SCL
Event
SDA
A1
A2
1
2
3
4
8
7
6
5
GND
A0
VDD
EP
9
±1°C Accurate, 1.8V Digital Temperature Sensor


Similar Part No. - MCP9844

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9844T-BE/MNY MICROCHIP-MCP9844T-BE/MNY Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
More results

Similar Description - MCP9844

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Texas Instruments
LM99 TI-LM99_15 Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581_V01 Datasheet
1Mb / 27P
짹1째C Accurate 8-Channel Temperature Sensor
2021
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com