Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9844 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP9844 Datasheet HTML 29Page - Microchip Technology MCP9844 Datasheet HTML 30Page - Microchip Technology MCP9844 Datasheet HTML 31Page - Microchip Technology MCP9844 Datasheet HTML 32Page - Microchip Technology MCP9844 Datasheet HTML 33Page - Microchip Technology MCP9844 Datasheet HTML 34Page - Microchip Technology MCP9844 Datasheet HTML 35Page - Microchip Technology MCP9844 Datasheet HTML 36Page - Microchip Technology MCP9844 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
 2013 Microchip Technology Inc.
DS20005192A-page 33
MCP9844
6.0
APPLICATIONS INFORMATION
6.1
Layout Considerations
The MCP9844 device does not require any additional
components besides the master controller in order to
measure temperature. However, it is recommended
that a decoupling capacitor of 0.1 µF to 1 µF be used
between the VDD and GND pins. A high-frequency
ceramic capacitor is recommended. It is necessary for
the capacitor to be located as close as possible to the
power and ground pins of the device in order to provide
effective noise protection.
In addition, good PCB layout is key for better thermal
conduction from the PCB temperature to the sensor
die. For good temperature sensitivity, add a ground
layer under the device pins as shown in Figure 6-1.
6.2
Thermal Considerations
A potential for self-heating errors can exist if the
MCP9844 SDA, SCLK and event lines are heavily
loaded with pull-ups (high current). Typically, the self-
heating error is negligible because of the relatively
small current consumption of the MCP9844. A
temperature accuracy error of approximately 0.5°C
could result from self-heating if the communication pins
sink/source the maximum current specified.
For example, if the event output is loaded to maximum
IOL, Equation 6-1 can be used to determine the effect
of self-heating.
EQUATION 6-1:
EFFECT OF SELF-
HEATING
At room temperature (TA = +25°C) with maximum
IDD = 500 µA and VDD = 3.6V, the self-heating due to
power dissipation Tis 0.58°C for the TDFN-8
package.
FIGURE 6-1:
TDFN Package Layout.
T
JA
V
DD
I
DD
V
OL_Event
I
OL_Event
V
OL_SDA
I
OL_SDA
+
+

=
Where:
T=TJ - TA
TJ = Junction Temperature
TA = Ambient Temperature
JA = Package Thermal Resistance
VOL_Event, SDA = Event and SDA Output VOL
(0.4 Vmax)
IOL_Event, SDA = Event and SDA Output IOL
(3 mAmax and 20 mAmax,
respectively)
A0
A1
A2
GND
VDD
Event
SCL
SDA
EP9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com