Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9844 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP9844 Datasheet HTML 9Page - Microchip Technology MCP9844 Datasheet HTML 10Page - Microchip Technology MCP9844 Datasheet HTML 11Page - Microchip Technology MCP9844 Datasheet HTML 12Page - Microchip Technology MCP9844 Datasheet HTML 13Page - Microchip Technology MCP9844 Datasheet HTML 14Page - Microchip Technology MCP9844 Datasheet HTML 15Page - Microchip Technology MCP9844 Datasheet HTML 16Page - Microchip Technology MCP9844 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2013 Microchip Technology Inc.
DS20005192A-page 13
MCP9844
TABLE 5-1:
BIT ASSIGNMENT SUMMARY FOR ALL TEMPERATURE SENSOR REGISTERS
(SEE SECTION 5.3)
Register
Pointer
(Hex)
MSB/
LSB
Bit Assignment
76
5
4
3
2
1
0
0x00
MSB
0
0
0
0
0
0
0
0
LSB
SHDN Status
tOUT Range
1
Resolution
Range
Accuracy
Event
0x01
MSB
0
0
0
0
0
Hysteresis
SHDN
LSB
Crt Loc
Win Loc
Int Clr
Evt Stat Evt Cnt Evt Sel
Evt Pol
Evt Mod
0x02
MSB
0
0
0
SIGN
27°C
26°C
25°C
24°C
LSB
23°C
22°C
21°C
20°C
2-1°C
2-2°C
0
0
0x03
MSB
00
0
SIGN
27°C
26°C
25°C
24°C
LSB
23°C
22°C
21°C
20°C
2-1°C
2-2°C
0
0
0x04
MSB
00
0
SIGN
27°C
26°C
25°C
24°C
LSB
23°C
22°C
21°C
20°C
2-1°C
2-2°C
0
0
0x05
MSB
TA TCRIT
TA TUPPER TA TLOWER
SIGN
27°C
26°C
25°C
24°C
LSB
23°C
22°C
21°C
20°C
2-1°C
2-2°C
2-3°C
2-4°C
0x06
MSB
0
0
0
0
0
0
0
0
LSB
0
1
0
1
0
1
0
0
0x07
MSB
0
0
0
0
0
1
1
0
LSB
0
0
0
0
0
0
0
1
0x08
MSB
0
0
0
0
0
1
1
0
LSB
0
0
0
0
0
0
0
1
0x09
MSB
0
0
0
0
0
0
0
0
LSB
0
0
0
0
0
0
Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com