Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9844 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP9844 Datasheet HTML 14Page - Microchip Technology MCP9844 Datasheet HTML 15Page - Microchip Technology MCP9844 Datasheet HTML 16Page - Microchip Technology MCP9844 Datasheet HTML 17Page - Microchip Technology MCP9844 Datasheet HTML 18Page - Microchip Technology MCP9844 Datasheet HTML 19Page - Microchip Technology MCP9844 Datasheet HTML 20Page - Microchip Technology MCP9844 Datasheet HTML 21Page - Microchip Technology MCP9844 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MCP9844
DS20005192A-page 18
 2013 Microchip Technology Inc.
FIGURE 5-3:
Timing Diagram for Writing to the Configuration Register (See Section 4.0 “Serial
Communication”.
Writing to the CONFIG Register to Enable the Event Output pin <0000 0000 0000 1000>b.
SDA
A
C
K
001
1
A
00
00
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
12
3
4
5
6
7
8
SCL
0
Address Byte
W
MCP9844
MCP9844
MSB Data
A
C
K
A
C
K
P
12
34
5
6
7
8
12
34
567
8
LSB Data
Configuration Pointer
MCP9844
MCP9844
00
1
00
0
0
0
00
0
0
0
0
0
1
00
0
Note:
this is an example routine:
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE);
//WRITE Command
//also, make sure bit 0 is cleared ‘0’
i2c_write(0x01);
// Write CONFIG Register
i2c_write(0x00);
// Write data
i2c_write(0x08);
// Write data
i2c_stop();
// send STOP command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com