Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9844 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP9844 Datasheet HTML 13Page - Microchip Technology MCP9844 Datasheet HTML 14Page - Microchip Technology MCP9844 Datasheet HTML 15Page - Microchip Technology MCP9844 Datasheet HTML 16Page - Microchip Technology MCP9844 Datasheet HTML 17Page - Microchip Technology MCP9844 Datasheet HTML 18Page - Microchip Technology MCP9844 Datasheet HTML 19Page - Microchip Technology MCP9844 Datasheet HTML 20Page - Microchip Technology MCP9844 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2013 Microchip Technology Inc.
DS20005192A-page 17
MCP9844
bit 7
TCRIT Lock Bit (Crit. Lock):
0
=
Unlocked. TCRIT register can be written. (power-up default)
1
=Locked. TCRIT register can not be written
When enabled, this bit remains set ‘1’ or locked until cleared by internal reset (Section 5.3 “Summary
of Power-on Default”
). This bit does not require a double-write.
This bit can be programmed in Shutdown mode.
bit 6
TUPPER and TLOWER Window Lock Bit (Win. Lock):
0
=
Unlocked. TUPPER and TLOWER registers can be written. (power-up default)
1
=Locked. TUPPER and TLOWER registers can not be written
When enabled, this bit remains set ‘1’ or locked until cleared by power-on Respell (Section 5.3 “Sum-
mary of Power-on Default”
). This bit does not require a double-write.
This bit can be programmed in Shutdown mode.
bit 5
Interrupt Clear (Int. Clear) Bit:
0
=
No effect (power-up default)
1
=
Clear interrupt output. When read this bit returns ‘0’
This bit clears the Interrupt flag which de-asserts event output. In Shutdown mode, the event output is
always de-asserted. Therefore, setting this bit in Shutdown mode clears the interrupt after the device
returns to normal operation.
bit 4
Event Output Status (Event Stat.) Bit:
0
=
Event output is not asserted by the device (power-up default)
1
=
Event output is asserted as a comparator/Interrupt or critical temperature output
In Shutdown mode this bit will clear because event output is always de-asserted in shutdown mode.
bit 3
Event Output Control (Event Cnt.) Bit:
0
=
Event output Disabled (power-up default)
1
=
Event output Enabled
This bit can not be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode, but event output will remain de-asserted.
bit 2
Event Output Select (Event Sel.) Bit:
0
=
Event output for TUPPER, TLOWER and TCRIT (power-up default)
1
= TA ≥ TCRIT only. (TUPPER and TLOWER temperature boundaries are disabled.)
When the Alarm Window Lock bit is set, this bit cannot be altered until unlocked (bit 6).
This bit can be programmed in Shutdown mode, but event output will remain de-asserted.
bit 1
Event Output Polarity (Event Pol.) Bit:
0
=
Active low (power-up default. Pull-up resistor required)
1
=
Active-high
This bit cannot be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode, but event output will remain de-asserted, see
Section 5.2.3 “Event Output Configuration”
bit 0
Event Output Mode (Event Mod.) Bit:
0
=
Comparator output (power-up default)
1
=
Interrupt output
This bit cannot be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode, but event output will remain de-asserted.
REGISTER 5-3:
CONFIGURATION REGISTER (CONFIG)
 ADDRESS ‘0000 0001’b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com