Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M667 Datasheet(PDF) 65 Page - Intel Corporation

Part # QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Datasheet(HTML) 65 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 59Page - Intel Corporation QG80331M667 Datasheet HTML 60Page - Intel Corporation QG80331M667 Datasheet HTML 61Page - Intel Corporation QG80331M667 Datasheet HTML 62Page - Intel Corporation QG80331M667 Datasheet HTML 63Page - Intel Corporation QG80331M667 Datasheet HTML 64Page - Intel Corporation QG80331M667 Datasheet HTML 65Page - Intel Corporation QG80331M667 Datasheet HTML 66Page - Intel Corporation QG80331M667 Datasheet HTML 67Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
Specification Update
65
Intel® 80331 I/O Processor
Documentation Changes
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
Table 237.
DDR SDRAM Control Register 1 - SDCR1
Bit
Default
Description
31
02
DQS# Disable: Controls the behavior of the strobes as well as the configuration of the DIMM.
0 = DQS# Enabled for Differential operation, EMRS bit 10 will be programmed as zero.
1 = DQS# Disabled for Singled-ended operation, EMRS bit 10 will be programmed as one.
30:28
0002
RTCMD: Read-to-Command (non-Read) turnaround period in MCLK periods.
•
010 = 2 MCLK periods (DDR-I Type only)
•
011 = 3 MCLK periods (DDR-II Type only)
all other values reserved
27:24
0H
WTCMD: Write-to-Command (non-Read) turnaround period in MCLK periods.
Equation 10: WTCMD = tCAS + tWR + tREG
where tREG = 1 for registered DIMM and 0 for unbuffered DIMM, tCAS and tWR are from SPD.
23
02
Reserved
22:20
0002
RTW: Read-to-Write turnaround period in MCLK periods.
Equation 11: RTW = tCAS + (BL/2) + tREG + (tEDP-1) = tCAS + tREG + 3
where tREG = 1 for registered DIMM and 0 for unbuffered DIMM, BL=4, tCAS is from SPD, and EDP=2.
NOTE: a programmed value of 0002 represents a decimal value of eight (8).
19:17
0002
Reserved
16:12
0 00002
RFC: Refresh-to-Active and Refresh-to-Refresh period in MCLK periods
Equation 12: RFC = tRFC - 1
where tRFC is from SPD
11:09
0002
WR: Write Recovery time in MCLK periods.
•
000 = 0 - for DDR333
•
010 = 3 - for DDR-II 400 (encoding per JEDEC spec)
all other values reserved
08:04
0 00002
RC: Active-to-Active and Active-to-Refresh period in MCLK periods.
Equation 13: RC = tRC - 1
where tRC is from SPD
03:00
0H
WTRD: Write-to-Read turnaround period in MCLK periods.
Equation 14: WTRD = tCAS + tWTR + tREG
where tREG = 1 for registered DIMM and 0 for unbuffered DIMM, tCAS and tWTR are from SPD.
PCI
IOP
Attributes
Attributes
28
24
20
16
12
8
4
0
31
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rv
na
rw
na
rw
na
rw
na
rv
na
rv
na
rv
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
rw
na
Attribute Legend:
RV = Reserved
PR = Preserved
RS = Read/Set
RW = Read/Write
RC = Read Clear
RO = Read Only
NA = Not Accessible
Intel XScale® core Local Bus Address
FFFF E508H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com