Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M667 Datasheet(PDF) 10 Page - Intel Corporation

Part # QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Datasheet(HTML) 10 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 6Page - Intel Corporation QG80331M667 Datasheet HTML 7Page - Intel Corporation QG80331M667 Datasheet HTML 8Page - Intel Corporation QG80331M667 Datasheet HTML 9Page - Intel Corporation QG80331M667 Datasheet HTML 10Page - Intel Corporation QG80331M667 Datasheet HTML 11Page - Intel Corporation QG80331M667 Datasheet HTML 12Page - Intel Corporation QG80331M667 Datasheet HTML 13Page - Intel Corporation QG80331M667 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
Specification Update
Intel® 80331 I/O Processor
Summary Table of Changes
Non-Core Errata (Sheet 1 of 3)
No.
Steppings
Page
Status
Errata
A-1
B-0
C-0
C-1
D-0
D-1
1
XX
XXX
X
19
No Fix
CAS latency of three not supported for DDR-II On-Die
Termination (ODT)
2
X
19
Fixed
Upper PCI signals on Secondary PCI bus are not driven
low during reset
3
X
19
Fixed
Memory Controller Unit does not properly support 32-bit
memory configurations
4
XX
XXX
X
19
No Fix
Legacy Power Fail Mechanism does not work
5
X
20
Fixed
Boundary Scan data gets inverted
6
X
20
Fixed
BIU interrupt does not occur on Internal Bus Write Master
Abort
7
X
20
Fixed
CRC value calculated by DMA unit is not compliant with
iSCSI
8
X
20
Fixed
ATU Outbound Direct Window overlaps with PBI exception
vectors
9
XX
XXX
X
20
No Fix
S_REQ64# Initialization Pattern Timing Violation in PCI-33
Mode
10
X
21
Fixed
PCI-66 Mode violates PCI AC Timings
11
X
21
Fixed
Reserved bits in the Modem Status Register incorrectly
generate interrupts
12
X
21
Fixed
P_REQ# not de-asserted during idle
13
X
21
Fixed
Chassis/Slot PCI Extended Capability is not valid
14
X
22
Fixed
SDCR0.2 implemented as ‘Reserved’
15
X
22
Fixed
32-bit region missing proper address decode
16
X
22
Fixed
S_GNT[3:2]# outputs are not pulled high when Bridge is
disabled.
17
XX
XXX
X
22
No Fix
Split Transaction Commitment limit register mechanism, in
the PCI-X bridge, does not operate as implied by the PCI-X
Addendum to the PCI Local Bus Specification,
Revision 1.0a
18
XX
XXX
X
23
No Fix
Watchdog time-outs by the PCI-X bridge may cause data
corruption
19
X
23
Fixed
Discard timer expiration on delayed read can cause data
corruption or deadlock when data is still being received on
target bus
20
X
23
Fixed
Configuration cycle attribute parity error signaled
incorrectly by PCI-X bridge
21
XX
23
Fixed
Transactions are buffered during Secondary Reset
22
X
24
Fixed
Primary bus pin mode behavior incorrect during reset in the
80331 no bridge mode
23
X
24
Fixed
P_REQ# pin mode behavior when in the 80331 no bridge
mode
24
XX
24
Fixed
Master abort after data transfer within a single ADB on
PCI-X to PCI-X read block transactions may cause data
corruption or deadlock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com