Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M667 Datasheet(PDF) 62 Page - Intel Corporation

Part # QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Datasheet(HTML) 62 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 58Page - Intel Corporation QG80331M667 Datasheet HTML 59Page - Intel Corporation QG80331M667 Datasheet HTML 60Page - Intel Corporation QG80331M667 Datasheet HTML 61Page - Intel Corporation QG80331M667 Datasheet HTML 62Page - Intel Corporation QG80331M667 Datasheet HTML 63Page - Intel Corporation QG80331M667 Datasheet HTML 64Page - Intel Corporation QG80331M667 Datasheet HTML 65Page - Intel Corporation QG80331M667 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
62
Specification Update
Intel® 80331 I/O Processor
Documentation Changes
7.
ARB_EN has been de-featured
Problem:
The ARB_EN signal should not be included in the 80331 documentation.
Workaround:
Remove all references to the ARB_EN signal.
Affected Docs: Intel
® 80331 I/O Processor Developer’s Manual
Intel® 80331 I/O Processor Datasheet
Intel® 80331 I/O Processor Design Guide
8.
Flash wait state information is incorrect
Problem:
The Address-to-Data wait state and Recovery Cycle wait state fields in Table 275 (PBBAR0) and
Table 276 (PBBAR1) are incorrect.
Workaround:
The Address-to-Data wait states are defined in bits 4:2. The wait states are actually one more than
listed. Therefore the following change applies:
000 - 5 Address-to-Data wait states
001 - 9 Address-to-Data wait states
010 - 13 Address-to-Data wait states
011 - 17 Address-to-Data wait states
Others (default) - 21 Address-to-Data wait states
The Recovery Cycle wait states are defined in bits 8:6. The wait states are actually two more than
listed. Therefore the following change applies:
000 - 3 Recovery wait states
001 - 6 Recovery wait states
010 - 10 Recovery wait states
011 - 14 Recovery wait states
100 - 18 Recovery wait states
Others (default) - 22 Recovery wait states
This change also affects Table 271, Flash Wait State Profile Programming.
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com