Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M667 Datasheet(PDF) 38 Page - Intel Corporation

Part # QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Datasheet(HTML) 38 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 34Page - Intel Corporation QG80331M667 Datasheet HTML 35Page - Intel Corporation QG80331M667 Datasheet HTML 36Page - Intel Corporation QG80331M667 Datasheet HTML 37Page - Intel Corporation QG80331M667 Datasheet HTML 38Page - Intel Corporation QG80331M667 Datasheet HTML 39Page - Intel Corporation QG80331M667 Datasheet HTML 40Page - Intel Corporation QG80331M667 Datasheet HTML 41Page - Intel Corporation QG80331M667 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
38
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
53.
PCI-to-PCI read flow-through with destination TRDY# stalls can cause data
corruption
Problem:
PCI-to-PCI read flow-through with destination TRDY# stalls can cause data corruption.
Implication:
The scenario is a PCI-to-PCI memory read with flow-through enabled (source bus bandwidth is
less than or equal to destination bus bandwidth). Requestor initiates the read on the source bus, and
it is retried by the bridge (executed as a delayed transaction). The bridge plays the transaction on
the destination bus and starts receiving data from the target. After getting two or three cache lines,
the transaction is requested again on the source bus, and the bridge enters flow-through. The target
device on the destination bus begins to insert target wait-states, and eventually ends the transaction
by stalling TRDY# for a number of clocks then signaling disconnect without data at the cache line
boundary. On the source bus, the bridge delivers an extra garbage dataphase beyond what was
received on the destination side, causing data corruption.
The affected mode is PCI-to-PCI only. Neither PCI-X-to-PCI-X nor PCI-to-PCI-X modes allow
TRDY# stalls on the destination side.
Workaround:
Do not use in PCI-to-PCI configuration. Expected usage model for the 80331 is that the secondary
PCI bus operates in PCI-X mode only.
For an alternate workaround, when in a system that has devices that might terminate transactions in
the above manner, the prefetch policy registers must be set so that the target is not given the
opportunity to significantly stall TRDY#.
For example: When a device can provide 256 bytes in a timely manner, but delays a request for 384
bytes, the first read and reread factors must not be set higher than 01h (giving an MRM prefetch of
256 bytes, assuming a 64-byte cache-line size).
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
54.
S_PCIXCAP PCI mode threshold is too high
Problem:
The “PCI mode” threshold on the S_PCIXCAP signal on the secondary PCI bus is too high
(1.87 V). This has the effect of detecting a PCI bus when more than two slots are populated with
PCI-X 66 cards.
Implication:
A heavily loaded secondary PCI bus (three or four slots), might operate in PCI mode instead of
PCI-X mode.
Workaround:
When a board is configured with more than two PCI-X slots, a circuit can be added to adjust the
PCIXCAP voltage.
Status:
Fixed. Fixed in D-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com