Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M667 Datasheet(PDF) 11 Page - Intel Corporation

Part # QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Datasheet(HTML) 11 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 7Page - Intel Corporation QG80331M667 Datasheet HTML 8Page - Intel Corporation QG80331M667 Datasheet HTML 9Page - Intel Corporation QG80331M667 Datasheet HTML 10Page - Intel Corporation QG80331M667 Datasheet HTML 11Page - Intel Corporation QG80331M667 Datasheet HTML 12Page - Intel Corporation QG80331M667 Datasheet HTML 13Page - Intel Corporation QG80331M667 Datasheet HTML 14Page - Intel Corporation QG80331M667 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Specification Update
11
Intel® 80331 I/O Processor
Summary Table of Changes
25
XXX
XX
X
25
No Fix
Boundary scan multi-chip module implementation
26
XXX
XX
X
25
No Fix
Auto refresh command also generates a Precharge All
command on DDR bus
27
X
26
Fixed
SERR# set to incorrect voltage
28
X
26
Fixed
M66EN set to incorrect voltage
29
X
26
Fixed
P_INT[D:A]# not operating correctly
30
X
26
Fixed
Secondary bus may not initialize correctly at 100 MHz
PCI-X or 133 MHz PCI-X
31
XXX
XX
X
26
No Fix
Coalesced writes to 32-bit memory can cause data
corruption
32
XXX
XX
X
27
No Fix
ATU passing rules operation in PCI mode
33
XX
27
Fixed
S_INT[D:A]# pull-ups disabled by Internal Bus Reset
34
XX
27
Fixed
MCU Preemption Control does not properly manage the
byte count
35
XX
28
Fixed
I2C unit hang condition
36
XXX
XX
X
28
No Fix
VPD Data Register bit 19 is not read/write
37
XX
29
Fixed
Intel XScale® Core lockup condition
38
XX
30
Fixed
32-bit region write corrupts ECC immediately after 64-bit
Read-Modify-Write
39
X
30
Fixed
Reset straps incorrectly sampled on the secondary reset
40
XX
31
Fixed
PCI-X to PCI Memory Read double-word near 1MB
boundary may cause the system to hang
41
XX
31
Fixed
PCI-X to PCI Memory Read Block across 1MB boundary
may cause data corruption
42
XXX
XX
X
32
No Fix
DMA CRC result is byte reversed
43
XXX
XX
X
32
No Fix
CRC corruption on PCI-to-local DMA transfers
44
XXX
X
32
Fixed
Byte Count Modified bit set to 1
45
XXX
X
33
Fixed
Corrupted byte count and data when crossing 1 MByte
boundary in PCI-X to PCI mode
46
XXX
X
33
Fixed
PCI-X to PCI Memory Read with 4 K byte count and
unaligned starting address
47
XXX
34
Fixed
VCCDDR (VCC25/VCC18) Current Spike
48
XXX
X
35
Fixed
Bridge PCI ordering rule violation
49
XXX
XX
X
35
No Fix
ATU claims PCI commands 8 and 9 when issued as Dual
Address Cycle (DAC)
50
XXX
XX
X
36
No Fix
Secondary bus PCI RST# pulse prior to the rising edge of
P_RST#
51
XX
36
Fixed
Slow edge rates observed when 80331 is driving the
primary bus
52
XXX
X
37
Fixed
Enabling the core-to-memory port can cause a stall
condition
Non-Core Errata (Sheet 2 of 3)
No.
Steppings
Page
Status
Errata
A-1
B-0
C-0
C-1
D-0
D-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com