Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M667 Datasheet(PDF) 31 Page - Intel Corporation

Part # QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Datasheet(HTML) 31 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 27Page - Intel Corporation QG80331M667 Datasheet HTML 28Page - Intel Corporation QG80331M667 Datasheet HTML 29Page - Intel Corporation QG80331M667 Datasheet HTML 30Page - Intel Corporation QG80331M667 Datasheet HTML 31Page - Intel Corporation QG80331M667 Datasheet HTML 32Page - Intel Corporation QG80331M667 Datasheet HTML 33Page - Intel Corporation QG80331M667 Datasheet HTML 34Page - Intel Corporation QG80331M667 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
Specification Update
31
Intel® 80331 I/O Processor
Non-Core Errata
40.
PCI-X to PCI Memory Read double-word near 1MB boundary may cause the
system to hang
Problem:
PCI-X to PCI Memory Read DWORD near a 1 MB boundary may cause the system to hang.
Implication:
In the following scenario:
• A master on the PCI-X bus initiates a Memory Read DWORD through the bridge, with a
starting address that is not DW aligned and is within the last 4 bytes of a 1 MB address
boundary.
• On the PCI side, the bridge initiates the request and disconnects after a single data phase. The
transaction should end at this point, but instead, the transaction is then issued a second time
with the starting address at the 1 MB boundary before being retired.
• Back on the PCI-X side, the completion is issued with the correct data for the initial 4-byte
request, followed by a second “unexpected” completion. As a result of the second completion,
the internal resource counter gets decremented twice, causing the resource checking logic to
assume there is no more room on the chip for split transactions.
• At this point the bridge can no longer process upstream non-posted requests and terminates
them with retry.
Note:
The above failure only occurs on a Memory Read DWORD from PCI-X to PCI when the starting
address is not DW aligned. A Memory Read DWORD to 0xffffc does not fail, whereas a read to
0xfffff does fail.
Workaround:
This issue only affects PCI-X to PCI transactions. PCI to PCI-X, PCI to PCI and PCI-X to PCI-X
transactions are not affected. PCI-X to PCI implementations should not attempt to do a Memory
Read DWORD that is not DW aligned and is within the last 4 bytes of a 1 MB address boundary.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.
41.
PCI-X to PCI Memory Read Block across 1MB boundary may cause data
corruption
Problem:
PCI-X to PCI Memory Read Block across 1MB boundary may cause data corruption.
Implication:
In the following scenario:
• A master on the PCI-X bus initiates a Memory Read Block through the bridge, with a starting
address + byte count that crosses a 1 MB boundary. The request is not DWORD aligned and
starts less than three data phases from the 1 MB boundary.
• On the PCI side, the bridge initiates the request by setting the low two address bits to 00b as
required by the PCI Local Bus Specification, Revision 2.3.
• The bridge receives data up to the boundary and disconnects, then requests the remainder of
the data in a second transaction.
• On the source bus, the bridge should deliver a small completion up to the 1MB boundary with
the BCM bit set. However, in this case the bridge plays the request without BCM and uses the
full remaining byte count. Since the bridge can not disconnect, it winds up satisfying the byte
count with garbage for data after the boundary.
Note:
For failure to occur, starting address and byte count must be set so the request crosses the 1 MB
boundary, but bytes requested after the boundary are less than 4 bytes. Requests that are DWORD
aligned do not fail, nor do requests that do not cross the 1MB boundary (even when not aligned).
Workaround:
This issue only affects PCI-X to PCI transactions. PCI to PCI-X, PCI to PCI and PCI-X to PCI-X
transactions are not affected. PCI-X to PCI implementations that do not cross a 1 MB boundary
does not experience this issue.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com