Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 26Page - Microchip Technology MCP2140_13 Datasheet HTML 27Page - Microchip Technology MCP2140_13 Datasheet HTML 28Page - Microchip Technology MCP2140_13 Datasheet HTML 29Page - Microchip Technology MCP2140_13 Datasheet HTML 30Page - Microchip Technology MCP2140_13 Datasheet HTML 31Page - Microchip Technology MCP2140_13 Datasheet HTML 32Page - Microchip Technology MCP2140_13 Datasheet HTML 33Page - Microchip Technology MCP2140_13 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
MCP2140
DS21790B-page 30
Preliminary
 2003-2012 Microchip Technology Inc.
4.3
Timing Diagrams and Specifications
FIGURE 4-3:
EXTERNAL CLOCK TIMING
TABLE 4-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
C  TA  +85C (industrial)
Operating Voltage VDD range is described in Section 4.1
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
1
TOSC
External CLKIN Period (2, 3)
90.422
90.422
—
—
90.422
—
ns
ns
Device Operation
Low Power mode
(PHACT drive Low)
Oscillator Period (2)
90.422
—
90.422
ns
1A
FOSC
External CLKIN
Frequency (2, 3)
7.3728
7.3728
7.3728
MHz
Oscillator Frequency (2)
7.3728
—
7.3728
MHz
1B
FERR
Error in Frequency
—
—
± 0.01
%
1C
ECLK
External Clock Error
—
—
± 0.01
%
4
TosR,
TosF
Clock in (OSC1)
Rise or Fall Time
—
—
15
ns
Note 1: Data in the Typical (“Typ”) column is at 5V, 25
C unless otherwise stated. These parameters are for design
guidance only and are not tested.
2: All specified values are based on oscillator characterization data under standard operating conditions.
Exceeding these specified limits may result in unstable oscillator operation and/or higher than expected
current consumption. When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for
all devices.
3: A duty cycle of no more than 60% (High time/Low time or Low time/High time) is recommended for external
clock inputs.
OSC1
Q4
Q1
Q2
Q3
Q4
Q1
1
33
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com