Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 37Page - Microchip Technology MCP2140_13 Datasheet HTML 38Page - Microchip Technology MCP2140_13 Datasheet HTML 39Page - Microchip Technology MCP2140_13 Datasheet HTML 40Page - Microchip Technology MCP2140_13 Datasheet HTML 41Page - Microchip Technology MCP2140_13 Datasheet HTML 42Page - Microchip Technology MCP2140_13 Datasheet HTML 43Page - Microchip Technology MCP2140_13 Datasheet HTML 44Page - Microchip Technology MCP2140_13 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
 2003-2012 Microchip Technology Inc.
Preliminary
DS21790B-page 41
MCP2140
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
18-Lead PDIP (300 mil)
Example:
18-Lead SOIC (300 mil)
Example:
20-Lead SSOP (209 mil, 5.30 mm)
Example:
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXYYWWNNN
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXYYWWNNN
XXXXXXXXXXX
XXXXXXXXXXX
XXXYYWWNNN
MCP2140
I/SS
XXX0352987
MCP2140-I/SO
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXX0352987
MCP2140-I/P
XXXXXXXXXXXXXXXXX
XXXXX0352987
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com