Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 5 Page - Microchip Technology

  MCP2140_13 Datasheet HTML 1Page - Microchip Technology MCP2140_13 Datasheet HTML 2Page - Microchip Technology MCP2140_13 Datasheet HTML 3Page - Microchip Technology MCP2140_13 Datasheet HTML 4Page - Microchip Technology MCP2140_13 Datasheet HTML 5Page - Microchip Technology MCP2140_13 Datasheet HTML 6Page - Microchip Technology MCP2140_13 Datasheet HTML 7Page - Microchip Technology MCP2140_13 Datasheet HTML 8Page - Microchip Technology MCP2140_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
 2003-2012 Microchip Technology Inc.
Preliminary
DS21790B-page 5
MCP2140
TABLE 1-2:
MCP2140 PIN DESCRIPTION NORMAL OPERATION (DCE)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PDIP
SOIC
SSOP
Description
RXPDREF
1
1
1
I
A
IR Receive Photo Detect Diode reference voltage. This
voltage will typically be in the range of VDD/2.
TXIR
2
2
2
O
—
Asynchronous transmit to IrDA transceiver.
PHACT
3
3
3
OC
—
Protocol Handler Active. Indicates the state of the MCP2140
Protocol Handler. This output is an open collector, so an
external pull-up resistor may be required.
1
= Protocol Handler is in the Discovery or NRM state
0
= Protocol Handler is in NDM state or the MCP2140 is
in Low Power mode
RESET
4
4
4
I
ST
Resets the Device
VSS
5
5
5, 6
—
P
Ground reference for logic and I/O pins
NC
6
6
7
I
—
No connect
TX
7
7
8
I
TTL
Asynchronous receive; from Host Controller UART
RX
8
8
9
O
—
Asynchronous transmit; to Host Controller UART
RI
9
9
10
I
TTL
Ring Indicator. The state of this bit is communicated to the
IrDA Primary Device.
1
= No Ring Indicate Present
0
= Ring Indicate Present
DSR
10
10
11
O
—
Data Set Ready. Indicates that the MCP2140 has estab-
lished a valid IrDA link with a Primary Device(1). This signal
is locally emulated and not related to the DTR bit of the IrDA
Primary Device.
1
= An IR link has not been established
(No IR Link)
0
= An IR link has been established (IR Link)
DTR
11
11
12
I
TTL
Data Terminal Ready. Indicates that the Embedded device
connected to the MCP2140 is ready for IR data. The state of
this bit is communicated to the IrDA Primary Device via the
IrDA DSR bit carried by IrCOMM.
1
= Embedded device not ready
0
= Embedded device ready
CTS
12
12
13
O
—
Clear to Send. Indicates that the MCP2140 is ready to
receive data from the Host Controller. This signal is locally
emulated and not related to the CTS/RTS bit of the IrDA
Primary Device.
1
= Host Controller should not send data
0
= Host Controller may send data
Legend:
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
A = Analog
P = Power
CMOS = CMOS compatible input
OC = Open collector output
I = Input
O = Output
1: The state of the DTR output pin does not reflect the state of the DTR bit of the IrDA Primary Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com