Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 2Page - Microchip Technology MCP2140_13 Datasheet HTML 3Page - Microchip Technology MCP2140_13 Datasheet HTML 4Page - Microchip Technology MCP2140_13 Datasheet HTML 5Page - Microchip Technology MCP2140_13 Datasheet HTML 6Page - Microchip Technology MCP2140_13 Datasheet HTML 7Page - Microchip Technology MCP2140_13 Datasheet HTML 8Page - Microchip Technology MCP2140_13 Datasheet HTML 9Page - Microchip Technology MCP2140_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
MCP2140
DS21790B-page 6
Preliminary
 2003-2012 Microchip Technology Inc.
RTS
13
13
14
I
TTL
Request to Send. Indicates that a Host Controller is ready to
receive data from the MCP2140. This signal is locally emu-
lated and not related to the CTS/RTS bit of the IrDA Primary
device.
1
= Host Controller not ready to receive data
0
= Host Controller ready to receive data
VDD
14
14
15, 16
—
P
Positive supply for logic and I/O pins.
OSC2
15
15
17
O
—
Oscillator crystal output.
OSC1/CLKIN
16
16
18
I
CMOS Oscillator crystal input/external clock source input.
CD
17
17
19
I
ST
Carrier Detect. The state of this bit is communicated to the
IrDA Primary device via the IrDA CD bit.
1
= No Carrier Present
0
= Carrier Present
RXPD
18
18
20
I
A
IR RX Photo Detect Diode input. This input signal is required
to be a pulse to indicate an IR bit. When the amplitude of the
signal crosses the amplitude threshold set by the RXPDREF
pin, the IR bit is detected. The pulse has minimum and max-
imum requirements as specified in Parameter IR131A.
TABLE 1-2:
MCP2140 PIN DESCRIPTION NORMAL OPERATION (DCE) (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PDIP
SOIC
SSOP
Description
Legend:
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
A = Analog
P = Power
CMOS = CMOS compatible input
OC = Open collector output
I = Input
O = Output
1: The state of the DTR output pin does not reflect the state of the DTR bit of the IrDA Primary Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com