Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 13Page - Microchip Technology MCP2140_13 Datasheet HTML 14Page - Microchip Technology MCP2140_13 Datasheet HTML 15Page - Microchip Technology MCP2140_13 Datasheet HTML 16Page - Microchip Technology MCP2140_13 Datasheet HTML 17Page - Microchip Technology MCP2140_13 Datasheet HTML 18Page - Microchip Technology MCP2140_13 Datasheet HTML 19Page - Microchip Technology MCP2140_13 Datasheet HTML 20Page - Microchip Technology MCP2140_13 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
 2003-2012 Microchip Technology Inc.
Preliminary
DS21790B-page 17
MCP2140
2.13
Optical Interface
The MCP2140 requires an infrared transceiver for the
optical interface. This transceiver can be a single-chip
solution (integrated) or be implemented with discrete
devices.
2.13.1
DISCRETE TRANSCEIVER
SOLUTION
The MCP2140 was designed to use a discrete imple-
mentation that allows the lowest system power
consumption as well as a low cost implementation.
Figure 2-12
shows
a
typical
discrete
optical
transceiver circuit.
FIGURE 2-11:
CIRCUIT FOR A
DISCRETE OPTICAL
TRANSCEIVER
Care must be taken in the design and layout of the
photo-detect circuit, due to the small signals that are
being detected and their sensitivity to noise.
2.13.2
INTEGRATED TRANSCEIVER
The MCP2140 was designed to use a discrete imple-
mentation that allows the lowest system power con-
sumption and a low cost implementation (see
Section 2.13.1, “Discrete Transceiver Solution”). It is
possible to use an integrated optical transceiver solu-
tion, with the addition of four components. Two com-
ponents are required to condition the input signal to
ensure that the RXIR pulse width is not greater than
1.5 µs (see Parameter IR131A). The other two com-
ponents are required to set the RXIR signal trip point
(typically VDD/2). Figure 2-12 shows an example
MCP2140 optical transceiver circuit, using a Vishay®/
Temic TFDS4500.
FIGURE 2-12:
CIRCUIT FOR AN
INTEGRATED OPTICAL
TRANSCEIVER
Table 2-6 shows a list of common manufacturers of
integrated optical transceivers.
This figure will be available in Revision B of the
MCP2140 data sheet. Please conact the Microchip
factory via email (tech.support@microchip.com)
for additional information.
+5 V
+5 V
R11
22
TFDS4500
U6
8
7
6
5
47
R13
1
2
3
4
C18
.1 µF
RXPD
(To MCP2140 Pin 2)
TXIR
(To MCP2140 Pin 18)
+5 V
C19 (1)
Q1 (1)
68 pF
MUN211T1
+5 V
RXPDREF
(To MCP2140 Pin 1)
10 k
R14 (2)
10 k
R15 (2)
Note 1: These components are used to control
the width of the TFDS4500 RXD output
signal. Q1 is a digital transistor, which
includes the bias resistors.
2: These components are used to set the
reference voltage that the RXPD signal
needs to cross to “detect” a bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com