Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 16Page - Microchip Technology MCP2140_13 Datasheet HTML 17Page - Microchip Technology MCP2140_13 Datasheet HTML 18Page - Microchip Technology MCP2140_13 Datasheet HTML 19Page - Microchip Technology MCP2140_13 Datasheet HTML 20Page - Microchip Technology MCP2140_13 Datasheet HTML 21Page - Microchip Technology MCP2140_13 Datasheet HTML 22Page - Microchip Technology MCP2140_13 Datasheet HTML 23Page - Microchip Technology MCP2140_13 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
MCP2140
DS21790B-page 20
Preliminary
 2003-2012 Microchip Technology Inc.
FIGURE 2-13:
HIGH LEVEL MCP2140 CONNECTION SEQUENCE
Normal Disconnect Mode (NDM)
Send XID Commands
(timeslots n, n+1, ...)
No Response
XID Response in timeslot y,
Finish sending XIDs
(max timeslots - y frames)
Broadcast ID
No Response to these XIDs
claiming this timeslot, (MCP214X
No Response to Broadcast ID
Primary Device
MCP2140
Discovery
Normal Response Mode (NRM)
Send SNRM Command
(w/ parameters and
connection address)
Open channel for IAS Queries
Send IAS Queries
Open channel for data
Send Data or Status
Shutdown link
UA response with parameters
using connect address
Confirm channel open for IAS
Provide IAS responses
Confirm channel open for data
Send Data or Status
Confirm shutdown
(back to NDM state)
(approximately 70 ms
between XID commands)
Send Data or Status
Send Data or Status
(MCP2140 DSR pin driven low)
(Secondary Device)
always claims timeslot 0)
No IR Activity
(for 10 seconds)
PHACT pin driven Low
PHACT pin driven High
No IR Activity
(for 10 seconds)
PHACT pin driven Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com