Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7795EB Datasheet(PDF) 28 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 28 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 24Page - Analog Devices EVAL-AD7795EB Datasheet HTML 25Page - Analog Devices EVAL-AD7795EB Datasheet HTML 26Page - Analog Devices EVAL-AD7795EB Datasheet HTML 27Page - Analog Devices EVAL-AD7795EB Datasheet HTML 28Page - Analog Devices EVAL-AD7795EB Datasheet HTML 29Page - Analog Devices EVAL-AD7795EB Datasheet HTML 30Page - Analog Devices EVAL-AD7795EB Datasheet HTML 31Page - Analog Devices EVAL-AD7795EB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD7794/AD7795
Rev. D | Page 28 of 36
0
–20
–40
–60
–80
–100
0
3000
2500
2000
1500
1000
500
FREQUENCY (Hz)
Figure 19. Filter Response at 242 Hz Update Rate (Chop Disabled)
0
–60
–50
–40
–30
–10
–20
0
10000
5000 6000 7000 8000 9000
4000
3000
2000
1000
FREQUENCY (Hz)
Figure 20. Filter Response at 470 Hz Update Rate (Chop Disabled)
DIGITAL INTERFACE
As previously outlined in the On-Chip Registers section, the
programmable functions of the AD7794/AD7795 are controlled
using a set of on-chip registers. Data is written to these registers
via the serial interface. Read access to the on-chip registers is
also provided by this interface. All communications with the
parts must start with a write to the communications register.
After power-on or reset, each device expects a write to its
communications register. The data written to this register
determines whether the next operation is a read operation or a
write operation, and determines to which register this read or
write operation occurs. Therefore, write access to any of the
other registers on the parts begins with a write operation to the
communications register, followed by a write to the selected
register. A read operation from any other register (except when
continuous read mode is selected) starts with a write to the
communications register, followed by a read operation from the
selected register.
The serial interface of the AD7794/AD7795 consists of four
signals: CS, DIN, SCLK, and DOUT/RDY. The DIN line is used
to transfer data into the on-chip registers, while DOUT/RDY is
used for accessing data from the on-chip registers. SCLK is the
serial clock input for the devices, and all data transfers (either
on DIN or DOUT/RDY) occur with respect to the SCLK signal.
The DOUT/RDY pin also operates as a data ready signal; the
line goes low when a new data-word is available in the output
register. It is reset high when a read operation from the data
register is complete. It also goes high prior to the updating of
the data register to indicate when not to read from the device, to
ensure that a data read is not attempted while the register is
being updated. CS is used to select a device. It can be used to
decode the AD7794/AD7795 in systems where several
components are connected to the serial bus.
Figure 3 and Figure 4 show timing diagrams for interfacing to the
AD7794/AD7795 with CS, which is being used to decode the parts.
Figure 3 shows the timing for a read operation from the output
shift register of the AD7794/AD7795, while Figure 4 shows the
timing for a write operation to the input shift register. It is
possible to read the same word from the data register several
times, even though the DOUT/RDY line returns high after the
first read operation. However, care must be taken to ensure that
the read operations have been completed before the next output
update occurs. In continuous read mode, the data register can
be read only once.
The serial interface can operate in 3-wire mode by tying CS low.
In this case, the SCLK, DIN, and DOUT/RDY lines are used to
communicate with the AD7794/AD7795. The end of the
conversion can be monitored using the RDY bit in the status
register. This scheme is suitable for interfacing to micro-
controllers. If CS is required as a decoding signal, it can be
generated from a port pin. For microcontroller interfaces, it is
recommended that SCLK idle high between data transfers.
The AD7794/AD7795 can be operated with CS being used as a
frame synchronization signal. This scheme is useful for DSP
interfaces. In this case, the first bit (MSB) is effectively clocked
out by CS, because CS normally occurs after the falling edge of
SCLK in DSPs. The SCLK can continue to run between data
transfers, provided the timing numbers are obeyed.
The serial interface can be reset by writing a series of 1s on the
DIN input. If a Logic 1 is written to the AD7794/AD7795 line
for at least 32 serial clock cycles, the serial interface is reset.
This ensures that the interface can be reset to a known state if
the interface gets lost due to a software error or some glitch in
the system. Reset returns the interface to the state in which it is
expecting a write to the communications register. This
operation resets the contents of all registers to their power-on
values. Following a reset, the user should allow a period of
500 μs before addressing the serial interface.
The AD7794/AD7795 can be configured to continuously convert
or perform a single conversion (see Figure 21 through Figure 23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com