Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7795EB Datasheet(PDF) 23 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 23 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 19Page - Analog Devices EVAL-AD7795EB Datasheet HTML 20Page - Analog Devices EVAL-AD7795EB Datasheet HTML 21Page - Analog Devices EVAL-AD7795EB Datasheet HTML 22Page - Analog Devices EVAL-AD7795EB Datasheet HTML 23Page - Analog Devices EVAL-AD7795EB Datasheet HTML 24Page - Analog Devices EVAL-AD7795EB Datasheet HTML 25Page - Analog Devices EVAL-AD7795EB Datasheet HTML 26Page - Analog Devices EVAL-AD7795EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD7794/AD7795
Rev. D | Page 23 of 36
Bit No.
Mnemonic
Description
CON5
REF_DET
Enables the reference detect function. When set, the NOXREF bit in the status register indicates when the
external reference being used by the ADC is open circuit or less than 0.5 V. When cleared, the reference
detect function is disabled.
CON4
BUF
Configures the ADC for buffered or unbuffered mode of operation. If cleared, the ADC operates in
unbuffered mode, lowering the power consumption of the device. If set, the ADC operates in buffered
mode, allowing the user to place source impedances on the front end without contributing gain errors to
the system. For gains of 1 and 2, the buffer can be enabled or disabled. For higher gains, the buffer is
automatically enabled. With the buffer disabled, the voltage on the analog input pins can be from 30 mV
below GND to 30 mV above AVDD. When the buffer is enabled, it requires some headroom so the voltage
on any input pin must be limited to 100 mV within the power supply rails.
CON3 to
CON0
CH3 to CH0
Channel Select Bits.
Written by the user to select the active analog input channel to the ADC.
CH3
CH2
CH1
CH0
Channel
Calibration Pair
0
0
0
0
AIN1(+)/AIN1(−)
0
0
0
0
1
AIN2(+)/AIN2(−)
1
0
0
1
0
AIN3(+)/AIN3(−)
2
0
0
1
1
AIN4(+)/AIN4(−)
3
0
1
0
0
AIN5(+)/AIN5(−)
3
0
1
0
1
AIN6(+)/AIN6(−)
3
0
1
1
0
Temp Sensor
Automatically selects the internal 1.17 V reference
and sets the gain to 1
0
1
1
1
AVDD Monitor
Automatically selects the internal 1.17 V reference
and sets the gain to 1/6
1
0
0
0
AIN1(−)/AIN1(−)
0
1
0
0
1
Reserved
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com