Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7795EB Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 18Page - Analog Devices EVAL-AD7795EB Datasheet HTML 19Page - Analog Devices EVAL-AD7795EB Datasheet HTML 20Page - Analog Devices EVAL-AD7795EB Datasheet HTML 21Page - Analog Devices EVAL-AD7795EB Datasheet HTML 22Page - Analog Devices EVAL-AD7795EB Datasheet HTML 23Page - Analog Devices EVAL-AD7795EB Datasheet HTML 24Page - Analog Devices EVAL-AD7795EB Datasheet HTML 25Page - Analog Devices EVAL-AD7795EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD7794/AD7795
Rev. D | Page 22 of 36
CONFIGURATION REGISTER
RS2, RS1, RS0 = 0, 1, 0; Power-On/Reset = 0x0710
The configuration register is a 16-bit read/write register that is
used to configure the ADC for unipolar or bipolar mode, enable
or disable the buffer, enable or disable the burnout currents,
select the gain, and select the analog input channel.
Table 20 outlines the bit designations for the filter register.
CON0 through CON15 indicate the bit locations. CON denotes
that the bits are in the configuration register. CON15 is the first
bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
CON15
CON14
CON13
CON12
CON11
CON10
CON9
CON8
VBIAS1(0)
VBIAS0(0)
BO(0)
U/B(0)
BOOST(0)
G2(1)
G1(1)
G0(1)
CON7
CON6
CON5
CON4
CON3
CON2
CON1
CON0
REFSEL1(0)
REFSEL0(0)
REF_DET(0)
BUF(1)
CH3(0)
CH2(0)
CH1(0)
CH0(0)
Table 20. Configuration Register Bit Designations
Bit No.
Mnemonic
Description
CON15 to
CON14
VBIAS1 to VBIAS0
Bias Voltage Generator Enable. The negative terminal of the analog inputs can be biased up to AVDD/2.
These bits are used in conjunction with the BOOST bit.
VBIAS1
VBIAS0
Bias Voltage
0
0
Bias voltage generator disabled
0
1
Bias voltage generator connected to AIN1(−)
1
0
Bias voltage generator connected to AIN2(−)
1
1
Bias voltage generator connected to AIN3(−)
CON13
BO
Burnout Current Enable Bit. This bit must be programmed with a Logic 0 for correct operation. When this
bit is set to 1 by the user, the 100 nA current sources in the signal path are enabled. When BO = 0, the
burnout currents are disabled. The burnout currents can be enabled only when the buffer or in-amp is active.
CON12
U/B
Unipolar/Bipolar Bit. Set by user to enable unipolar coding, that is, zero differential input results in
0x000000 output and a full-scale differential input results in 0xFFFFFF output. Cleared by the user to
enable bipolar coding. Negative full-scale differential input results in an output code of 0x000000, zero
differential input results in an output code of 0x800000, and positive full-scale differential input results in
an output code of 0xFFFFFF.
CON11
BOOST
This bit is used in conjunction with the VBIAS1 and VBIAS0 bits. When set, the current consumed by the
bias voltage generator is increased, which reduces its power-up time.
CON10 to
CON8
G2 to G0
Gain Select Bits.
Written by the user to select the ADC input range as follows:
G2
G1
G0
Gain
ADC Input Range (2.5 V Reference)
0
0
0
1 (in-amp not
used)
2.5 V
0
0
1
2 (in-amp not
used)
1.25 V
0
1
0
4
625 mV
0
1
1
8
312.5 mV
1
0
0
16
156.2 mV
1
0
1
32
78.125 mV
1
1
0
64
39.06 mV
1
1
1
128
19.53 mV
CON7 to
CON6
REFSEL1/REFSEL0
Reference Select Bits.
The reference source for the ADC is selected using these bits.
REFSEL1
REFSEL0
Reference Source
0
0
External reference applied between REFIN1(+) and REFIN1(−)
0
1
External reference applied between REFIN2(+) and REFIN2(−)
1
0
Internal 1.17 V reference
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com