Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7795EB Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 10Page - Analog Devices EVAL-AD7795EB Datasheet HTML 11Page - Analog Devices EVAL-AD7795EB Datasheet HTML 12Page - Analog Devices EVAL-AD7795EB Datasheet HTML 13Page - Analog Devices EVAL-AD7795EB Datasheet HTML 14Page - Analog Devices EVAL-AD7795EB Datasheet HTML 15Page - Analog Devices EVAL-AD7795EB Datasheet HTML 16Page - Analog Devices EVAL-AD7795EB Datasheet HTML 17Page - Analog Devices EVAL-AD7795EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD7794/AD7795
Rev. D | Page 14 of 36
Internal Reference
Table 8 shows the AD7794/AD7795 rms noise for some of the
update rates and gain settings. The numbers given are for the
bipolar input range with the internal 1.17 V reference. These
numbers are typical and are generated with a differential input
voltage of 0 V. Table 9 and Table 10 show the effective resolution
while the output peak-to-peak (p-p) resolution is listed in brackets.
It is important to note that the effective resolution is calculated
using the rms noise while the p-p resolution is calculated based
on peak-to-peak noise. The p-p resolution represents the
resolution for which there is no code flicker. These numbers are
typical and rounded to the nearest LSB.
Table 8. RMS Noise (μV) vs. Gain and Output Update Rate Using an Internal 1.17 V Reference with Chop Enabled
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
0.81
0.67
0.32
0.2
0.13
0.065
0.04
0.039
8.33
1.18
1.11
0.41
0.25
0.16
0.078
0.058
0.059
16.7
1.96
1.72
0.55
0.36
0.25
0.11
0.088
0.088
33.2
2.99
2.48
0.83
0.48
0.33
0.17
0.13
0.12
62
3.6
3.25
1.03
0.65
0.46
0.2
0.15
0.15
123
5.83
5.01
1.69
0.96
0.67
0.32
0.25
0.26
242
11.22
8.64
2.69
1.9
1.04
0.45
0.35
0.34
470
12.46
10.58
4.58
2
1.27
0.63
0.50
0.49
Table 9.
Effective Resolution (Bits) vs. Gain and Output Update Rate for the AD7794 Using an Internal 1.17 V Reference with Chop Enabled
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
21.5 (19)
20.5 (18)
21 (18.5)
20.5 (18)
20 (17.5)
20 (17.5)
20 (17.5)
19 (16.5)
8.33
21 (18.5)
20 (17.5)
20.5 (18)
20 (17.5)
20 (17.5)
20 (17.5)
19 (16.5)
18 (15.5)
16.7
20 (17.5)
19.5 (17)
20 (17.5)
19.5 (17)
19 (16.5)
19.5 (17)
18.5 (16)
17.5 (15)
33.2
19.5 (17)
19 (16.5)
19.5 (17)
19 (16.5)
19 (16.5)
18.5 (16)
18 (15.5)
17 (14.5)
62
19.5 (17)
18.5 (16)
19 (16.5)
19 (16.5)
18.5 (16)
18.5 (16)
18 (15.5)
17 (14.5)
123
18.5 (16)
18 (15.5)
18.5 (16)
18 (15.5)
17.5 (15)
18 (15.5)
17 (14.5)
16 (13.5)
242
17.5 (15)
17 (14.5)
17.5 (15)
17 (14.5)
17 (14.5)
17.5 (15)
16.5 (14)
15.5 (13)
470
17.5 (15)
17 (14.5)
17 (14.5)
17 (14.5)
17 (14.5)
17 (14.5)
16 (13.5)
15 (12.5)
Table 10.
Effective Resolution (Bits) vs. Gain and Output Update Rate for the AD7795 Using an Internal 1.17 V Reference with Chop Enabled
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
8.33
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16.7
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15)
33.2
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (14.5)
62
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (14.5)
123
16 (16)
16 (15.5)
16 (16)
16 (15.5)
16 (15)
16 (15.5)
16 (14.5)
16 (13.5)
242
16 (15)
16 (14.5)
16 (15)
16 (14.5)
16 (14.5)
16 (15)
16 (14)
15.5 (13)
470
16 (15)
16 (14.5)
16 (14.5)
16 (14.5)
16 (14.5)
16 (14.5)
16 (13.5)
15 (12.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com