Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7795EB Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 5 Page - Analog Devices

  EVAL-AD7795EB Datasheet HTML 1Page - Analog Devices EVAL-AD7795EB Datasheet HTML 2Page - Analog Devices EVAL-AD7795EB Datasheet HTML 3Page - Analog Devices EVAL-AD7795EB Datasheet HTML 4Page - Analog Devices EVAL-AD7795EB Datasheet HTML 5Page - Analog Devices EVAL-AD7795EB Datasheet HTML 6Page - Analog Devices EVAL-AD7795EB Datasheet HTML 7Page - Analog Devices EVAL-AD7795EB Datasheet HTML 8Page - Analog Devices EVAL-AD7795EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD7794/AD7795
Rev. D | Page 5 of 36
Parameter1
AD7794/AD7795
Unit
Test Conditions/Comments
Normal Mode Rejection2, 6
Internal Clock
@ 50 Hz, 60 Hz
60
dB min
70 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 1010
@ 50 Hz
78
dB min
90 dB typ, 50 ± 1 Hz, FS[3:0] = 1001
@ 60 Hz
86
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 1000
External Clock
@ 50 Hz, 60 Hz
60
dB min
70 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 1010
@ 50 Hz
94
dB min
100 dB typ, 50 ± 1 Hz, FS[3:0] = 1001
@ 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 1000
Common-Mode Rejection
AD7794B/AD7795B
@ DC
100
dB min
AIN = 1 V/gain, with gain = 4, AMP-CM Bit = 1
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 1010
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz, FS[3:0] = 1001; 60 ± 1 Hz, FS[3:0] = 1000
AD7794C
@ DC
97
dB min
AIN = 1 V/gain, with gain = 4, AMP-CM Bit = 1
@ 50 Hz, 60 Hz2
97
dB min
50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 1010
@ 50 Hz, 60 Hz2
97
dB min
50 ± 1 Hz, FS[3:0] = 1001; 60 ± 1 Hz, FS[3:0] = 1000
CHOP ENABLED or DISABLED
REFERENCE INPUT
Internal Reference
Internal Reference Initial
Accuracy
1.17 ± 0.01%
V min/max
AVDD = 4 V, TA = 25°C
Internal Reference Drift2
4
ppm/°C typ
15
ppm/°C max
Power Supply Rejection
85
dB typ
External Reference
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+) − REFIN(−)
Reference Voltage Range2
0.1
V min
AVDD
V max
When VREF = AVDD, the differential input must be
limited to 0.9 × VREF/gain if the in-amp is active
Absolute REFIN Voltage Limits2
GND − 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input
Current
400
nA/V typ
Average Reference Input
Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection2
Same as for analog inputs
Common-Mode Rejection
100
dB typ
Reference Detect Levels
0.3
V min
0.65
V max
NOXREF bit active if VREF < 0.3 V
EXCITATION CURRENT SOURCES
(IEXC1 and IEXC2)
Output Current
10/210/1000
μA nom
Initial Tolerance at 25°C
±5
% typ
Drift
200
ppm/°C typ
Current Matching
±0.5
% typ
Matching between IEXC1 and IEXC2, VOUT = 0 V
Drift Matching
50
ppm/°C typ
Line Regulation (AVDD)
2
%/V typ
AVDD = 5 V ± 5%
Load Regulation
0.2
%/V typ
Output Compliance
AVDD − 0.65
V max
Current sources programmed to 10 μA or 210 μA
AVDD − 1.1
V max
Current sources programmed to 1 mA
GND − 30 mV
V min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com