Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7795EB Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 14Page - Analog Devices EVAL-AD7795EB Datasheet HTML 15Page - Analog Devices EVAL-AD7795EB Datasheet HTML 16Page - Analog Devices EVAL-AD7795EB Datasheet HTML 17Page - Analog Devices EVAL-AD7795EB Datasheet HTML 18Page - Analog Devices EVAL-AD7795EB Datasheet HTML 19Page - Analog Devices EVAL-AD7795EB Datasheet HTML 20Page - Analog Devices EVAL-AD7795EB Datasheet HTML 21Page - Analog Devices EVAL-AD7795EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD7794/AD7795
Rev. D | Page 18 of 36
STATUS REGISTER
RS2, RS1, RS0 = 0, 0, 0; Power-On/Reset = 0x80
(AD7795)/0x88 (AD7794)
The status register is an 8-bit read-only register. To access the
ADC status register, the user must write to the communications
register, select the next operation to be read, and load Bit RS2,
Bit RS1, and Bit RS0 with 0.
Table 16 outlines the bit designations for the status register. SR0
through SR7 indicate the bit locations, with SR denoting that
the bits are in the status register. SR7 denotes the first bit of the
data stream. The number in brackets indicates the power-
on/reset default status of that bit.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY(1)
ERR(0)
NOXREF(0)
0(0)
0/1
CH2(0)
CH1(0)
CH0(0)
Table 16. Status Register Bit Designations
Bit No.
Mnemonic
Description
SR7
RDY
Ready Bit for ADC. Cleared when data is written to the ADC data register. The RDY bit is set automatically after the
ADC data register has been read or a period of time before the data register is updated with a new conversion
result to indicate to the user not to read the conversion data. It is also set when the part is placed in power-down
mode. The end of a conversion is also indicated by the DOUT/RDY pin. This pin can be used as an alternative to the
status register for monitoring the ADC for conversion data.
SR6
ERR
ADC Error Bit. This bit is written to at the same time as the RDY bit. Set to indicate that the result written to the
ADC data register has been clamped to all 0s or all 1s. Error sources include overrange, underrange, or the absence
of a reference voltage. Cleared by a write operation to start a conversion.
SR5
NOXREF
No External Reference Bit. Set to indicate that the selected reference (REFIN1 or REFIN2) is at a voltage that is
below a specified threshold. When set, conversion results are clamped to all 1s. Cleared to indicate that a valid
reference is applied to the selected reference pins. The NOXREF bit is enabled by setting the REF_DET bit in the
configuration register to 1. The ERR bit is also set if the voltage applied to the selected reference input is invalid.
SR4
0
This bit is automatically cleared.
SR3
0/1
This bit is automatically cleared on the AD7795 and is automatically set on the AD7794.
SR2 to
SR0
CH2 to CH0
These bits indicate which channel is being converted by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com