Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9767ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9767ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9767ASTZ Datasheet HTML 6Page - Analog Devices AD9767ASTZ Datasheet HTML 7Page - Analog Devices AD9767ASTZ Datasheet HTML 8Page - Analog Devices AD9767ASTZ Datasheet HTML 9Page - Analog Devices AD9767ASTZ Datasheet HTML 10Page - Analog Devices AD9767ASTZ Datasheet HTML 11Page - Analog Devices AD9767ASTZ Datasheet HTML 12Page - Analog Devices AD9767ASTZ Datasheet HTML 13Page - Analog Devices AD9767ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 10 of 44
Table 6. Pin Function Descriptions
Pin No.
AD9763
AD9765
AD9767
Mnemonic
Description
1 to 10
1 to 12
1 to 14
DBxP1
Data Bit Pins (Port 1)
11 to 14,
33 to 36
13, 14,
35, 36
N/A
NC
No Connect
15, 21
15, 21
15, 21
DCOM1, DCOM2
Digital Common
16, 22
16, 22
16, 22
DVDD1, DVDD2
Digital Supply Voltage
17
17
17
WRT1/IQWRT
Input Write Signal for PORT 1 (IQWRT in Interleaving Mode)
18
18
18
CLK1/IQCLK
Clock Input for DAC1 (IQCLK in Interleaving Mode)
19
19
19
CLK2/IQRESET
Clock Input for DAC2 (IQRESET in Interleaving Mode)
20
20
20
WRT2/IQSEL
Input Write Signal for PORT 2 (IQSEL in Interleaving Mode)
23 to 32
23 to 34
23 to 36
DBxP2
Data Bit Pins (Port 2)
37
37
37
SLEEP
Power-Down Control Input
38
38
38
ACOM
Analog Common
39, 40
39, 40
39, 40
IOUTA2, IOUTB2
Port 2 Differential DAC Current Outputs
41
41
41
FSADJ2
Full-Scale Current Output Adjust for DAC2
42
42
42
GAINCTRL
Master/Slave Resistor Control Mode
43
43
43
REFIO
Reference Input/Output
44
44
44
FSADJ1
Full-Scale Current Output Adjust for DAC1
45, 46
45, 46
45, 46
IOUTB1, IOUTA1
Port 1 Differential DAC Current Outputs
47
47
47
AVDD
Analog Supply Voltage
48
48
48
MODE
Mode Select (1 = dual port, 0 = interleaved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com