Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9767ASTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9767ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767ASTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9767ASTZ Datasheet HTML 18Page - Analog Devices AD9767ASTZ Datasheet HTML 19Page - Analog Devices AD9767ASTZ Datasheet HTML 20Page - Analog Devices AD9767ASTZ Datasheet HTML 21Page - Analog Devices AD9767ASTZ Datasheet HTML 22Page - Analog Devices AD9767ASTZ Datasheet HTML 23Page - Analog Devices AD9767ASTZ Datasheet HTML 24Page - Analog Devices AD9767ASTZ Datasheet HTML 25Page - Analog Devices AD9767ASTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 22 of 44
The full-scale output current of each DAC is regulated by
separate reference control amplifiers and can be set from
2 mA to 20 mA via an external network connected to the full
scale adjust (FSADJ) pin. The external network, in combination
with both the reference control amplifier and voltage reference
(VREFIO) sets the reference current IREF, which is replicated to the
segmented current sources with the proper scaling factor. The
full-scale current (IOUTFS) is 32 × IREF.
REFERENCE OPERATION
The AD9763/AD9765/AD9767 contain an internal 1.20 V band
gap reference. This can easily be overridden by a low noise external
reference with no effect on performance. REFIO serves as either
an input or output, depending on whether the internal or an
external reference is used. To use the internal reference, simply
decouple the REFIO pin to ACOM with a 0.1 μF capacitor. The
internal reference voltage is present at REFIO. If the voltage at
REFIO is used elsewhere in the circuit, an external buffer amplifier
with an input bias current of less than 100 nA should be used. An
example of the use of the internal reference is shown in Figure 59.
AD9763/
AD9765/
AD9767
REFERENCE
SECTION
AVDD
GAINCTRL
REFIO
FSADJ1/
FSADJ2
ACOM
CURRENT
SOURCE
ARRAY
1.2V
REF
IREF
0.1µF
OPTIONAL
EXTERNAL
REFERENCE
BUFFER
ADDITIONAL
EXTERNAL
LOAD
RSET
256Ω
22nF
Figure 59. Internal Reference Configuration
An external reference can be applied to REFIO as shown in
Figure 60. The external reference can provide either a fixed
reference voltage to enhance accuracy and drift performance
or a varying reference voltage for gain control. The 0.1 μF
compensation capacitor is not required because the internal
reference is overridden and the relatively high input impedance
of REFIO minimizes any loading of the external reference.
IREF
RSET
AVDD
GAINCTRL
REFIO
FSADJ1/
FSADJ2
ACOM
AVDD
CURRENT
SOURCE
ARRAY
EXTERNAL
REFERENCE
1.2V
REF
AD9763/
AD9765/
AD9767
REFERENCE
SECTION
256Ω
22nF
Figure 60. External Reference Configuration Gain Control Mode
GAIN CONTROL MODE
The AD9763/AD9765/AD9767 has two gain control modes,
independent and master/slave. If the GAINCTRL terminal is low
(connected to ground), the full-scale currents of DAC1 and DAC2
are set separately using two different RSET resistors. One resistor
is connected to the FSADJ1 terminal, and the other resistor is
connected to the FSADJ2 terminal. This is independent mode.
If the GAINCTRL terminal is set high (connected to AVDD),
the full-scale currents of DAC1 and DAC2 are set to the same value
using one RSET resistor. In master/slave mode, full-scale current
for both DAC1 and DAC2 is set via the FSADJ1 terminal.
SETTING THE FULL-SCALE CURRENT
Both of the DACs in the AD9763/AD9765/AD9767 contain a
control amplifier that is used to regulate the full-scale output
current (IOUTFS). The control amplifier is configured as a V-I
converter, as shown in Figure 59, so that its current output (IREF)
is determined by the ratio of the VREFIO and an external resistor,
RSET.
IREF = VREFIO/RSET
The DAC full-scale current, IOUTFS, is an output current 32 times
larger than the reference current, IREF.
IOUTFS = 32 × IREF
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS from 2 mA to 20 mA by setting IREF between 62.5 μA and
625 μA. The wide adjustment range of IOUTFS provides several
benefits. The first relates directly to the power dissipation of the
AD9763/AD9765/AD9767, which is proportional to IOUTFS (refer to
the Power Dissipation section). The second relates to the 20 dB
adjustment, which is useful for system gain control purposes.
To ensure that the AD9763/AD9765/AD9767 performs properly,
connect a 22 nF capacitor and 256 Ω resistor network (shown in
Figure 59 and Figure 60) from the FSADJ1 terminal to ground
and from the FSADJ2 terminal to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com