Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9767ASTZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9767ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767ASTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9767ASTZ Datasheet HTML 8Page - Analog Devices AD9767ASTZ Datasheet HTML 9Page - Analog Devices AD9767ASTZ Datasheet HTML 10Page - Analog Devices AD9767ASTZ Datasheet HTML 11Page - Analog Devices AD9767ASTZ Datasheet HTML 12Page - Analog Devices AD9767ASTZ Datasheet HTML 13Page - Analog Devices AD9767ASTZ Datasheet HTML 14Page - Analog Devices AD9767ASTZ Datasheet HTML 15Page - Analog Devices AD9767ASTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 12 of 44
55
85
60
70
65
75
80
5.91MHz/65MSPS
11.37MHz/125MSPS
910kHz/10MSPS
2.27MHz/25MSPS
–20
–16
–12
–8
–4
0
AOUT (dBFS)
Figure 12. Single-Tone SFDR vs. AOUT @ fOUT = fCLK/11
60
80
65
70
55
75
85
–20
–16
–12
–8
–4
0
AOUT (dBFS)
5MHz/25MSPS
1MHz/5MSPS
2MHz/10MSPS
13MHz/65MSPS
25MHz/125MSPS
Figure 13. Single-Tone SFDR vs. AOUT @ fOUT = fCLK/5
80
70
55
65
75
60
6.75MHz/7.25MHz @ 65MSPS
16.9MHz/18.1MHz @ 125MSPS
–20
–16
–12
–8
–4
0
AOUT (dBFS)
3.38MHz/3.36MHz @ 25MSPS
0.965MHz/1.035MHz @ 7MSPS
Figure 14. Dual-Tone SFDR vs. AOUT @ fOUT = fCLK/7
55
60
65
70
fCLK (MSPS)
20
40
60
80
100
120
140
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
Figure 15. SINAD vs. fCLK and IOUTFS @ fOUT = 5 MHz and 0 dBFS
CODE
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0
200
400
600
800
1000
Figure 16. Typical INL
CODE
–0.10
–0.05
0
0.05
0.25
0.30
0.20
0.15
0.10
0
200
400
600
800
1000
Figure 17. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com