Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9767ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9767ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD9767ASTZ Datasheet HTML 1Page - Analog Devices AD9767ASTZ Datasheet HTML 2Page - Analog Devices AD9767ASTZ Datasheet HTML 3Page - Analog Devices AD9767ASTZ Datasheet HTML 4Page - Analog Devices AD9767ASTZ Datasheet HTML 5Page - Analog Devices AD9767ASTZ Datasheet HTML 6Page - Analog Devices AD9767ASTZ Datasheet HTML 7Page - Analog Devices AD9767ASTZ Datasheet HTML 8Page - Analog Devices AD9767ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
10-/12-/14-Bit, 125 MSPS
Dual TxDAC+ Digital-to-Analog Converters
Data Sheet
AD9763/AD9765/AD9767
FEATURES
10-/12-/14-bit dual transmit digital-to-analog converters (DACs)
125 MSPS update rate
Excellent SFDR to Nyquist @ 5 MHz output: 75 dBc
Excellent gain and offset matching: 0.1%
Fully independent or single-resistor gain control
Dual-port or interleaved data
On-chip 1.2 V reference
5 V or 3.3 V operation
Power dissipation: 380 mW @ 5 V
Power-down mode: 50 mW @ 5 V
48-lead LQFP
APPLICATIONS
Communications
Base stations
Digital synthesis
Quadrature modulation
3D ultrasound
GENERAL DESCRIPTION
The AD9763/AD9765/AD9767 are dual-port, high speed,
2-channel, 10-/12-/14-bit CMOS DACs. Each part integrates
two high quality TxDAC+® cores, a voltage reference, and digital
interface circuitry into a small 48-lead LQFP. The AD9763/
AD9765/AD9767 offer exceptional ac and dc performance
while supporting update rates of up to 125 MSPS.
The AD9763/AD9765/AD9767 have been optimized for
processing I and Q data in communications applications. The
digital interface consists of two double-buffered latches as well
as control logic. Separate write inputs allow data to be written to
the two DAC ports independent of one another. Separate clocks
control the update rate of the DACs.
A mode control pin allows the AD9763/AD9765/AD9767 to
interface to two separate data ports, or to a single interleaved
high speed data port. In interleaving mode, the input data
stream is demuxed into its original I and Q data and then
latched. The I and Q data is then converted by the two DACs
and updated at half the input data rate.
The GAINCTRL pin allows two modes for setting the full-scale
current (IOUTFS) of the two DACs. IOUTFS for each DAC can be set
independently using two external resistors, or IOUTFS for both
DACs can be set by using a single external resistor. See the
Gain Control Mode section for important date code
information on this feature.
FUNCTIONAL BLOCK DIAGRAM
1
LATCH
1
DAC
BIAS
GENERATOR
SLEEP
DIGITAL
INTERFACE
AD9763/
AD9765/
AD9767
PORT1
PORT2
MODE
2
DAC
2
LATCH
IOUTB2
IOUTA2
IOUTB1
IOUTA1
CLK1
AVDD ACOM
GAINCTRL
FSADJ2
FSADJ1
REFIO
REFERENCE
WRT1/IQWRT
WRT2/IQSEL
CLK2/IQ RESET
DCOM1/
DCOM2
DVDD1/
DVDD2
Figure 1.
The DACs utilize a segmented current source architecture
combined with a proprietary switching technique to reduce
glitch energy and maximize dynamic accuracy. Each DAC provides
differential current output, thus supporting single-ended or dif-
ferential applications. Both DACs of the AD9763, AD9765, or
AD9767 can be simultaneously updated and can provide a
nominal full-scale current of 20 mA. The full-scale currents
between each DAC are matched to within 0.1%.
The AD9763/AD9765/AD9767 are manufactured on an
advanced, low cost CMOS process. They operate from a single
supply of 3.3 V to 5 V and consume 380 mW of power.
PRODUCT HIGHLIGHTS
1.
The AD9763/AD9765/AD9767 are members of a pin-
compatible family of dual TxDACs providing 8-, 10-, 12-,
and 14-bit resolution.
2.
Dual 10-/12-/14-Bit, 125 MSPS DACs. A pair of high
performance DACs for each part is optimized for low
distortion performance and provides flexible transmission
of I and Q information.
3.
Matching. Gain matching is typically 0.1% of full scale, and
offset error is better than 0.02%.
4.
Low Power. Complete CMOS dual DAC function operates on
380 mW from a 3.3 V to 5 V single supply. The DAC full-scale
current can be reduced for lower power operation, and a sleep
mode is provided for low power idle periods.
5.
On-Chip Voltage Reference. The AD9763/AD9765/AD9767
each include a 1.20 V temperature-compensated band gap
voltage reference.
6.
Dual 10-/12-/14-Bit Inputs. The AD9763/AD9765/AD9767
each feature a flexible dual-port interface, allowing dual or
interleaved input data.
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999-2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD9767ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9767AST AD-AD9767AST Datasheet
469Kb / 27P
14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
More results

Similar Description - AD9767ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9741 AD-AD9741 Datasheet
638Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Analog Devices
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com