Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9767ASTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9767ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767ASTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9767ASTZ Datasheet HTML 7Page - Analog Devices AD9767ASTZ Datasheet HTML 8Page - Analog Devices AD9767ASTZ Datasheet HTML 9Page - Analog Devices AD9767ASTZ Datasheet HTML 10Page - Analog Devices AD9767ASTZ Datasheet HTML 11Page - Analog Devices AD9767ASTZ Datasheet HTML 12Page - Analog Devices AD9767ASTZ Datasheet HTML 13Page - Analog Devices AD9767ASTZ Datasheet HTML 14Page - Analog Devices AD9767ASTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 11 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
AD9763
AVDD = 3.3 V or 5 V, DVDD = 3.3 V, IOUTFS = 20 mA, 50 Ω doubly terminated load, differential output, TA = 25°C, SFDR up to Nyquist,
unless otherwise noted.
90
80
50
fCLK = 5MSPS
60
70
1
10
100
fOUT (MHz)
fCLK = 25MSPS
fCLK = 65MSPS
fCLK = 125MSPS
Figure 6. SFDR vs. fOUT @ 0 dBFS
80
75
70
65
0dBFS
–6dBFS
–12dBFS
0
0.5
1.0
1.5
2.0
2.5
fOUT (MHz)
Figure 7. SFDR vs. fOUT @ 5 MSPS
02
12
468
10
60
80
75
70
65
0dBFS
fOUT (MHz)
–12dBFS
–6dBFS
Figure 8. SFDR vs. fOUT @ 25 MSPS
50
80
75
70
60
55
65
0
5
10
15
20
25
30
35
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 9. SFDR vs. fOUT @ 65 MSPS
50
80
75
70
60
55
65
0
10203040506070
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 10. SFDR vs. fOUT @ 125 MSPS
50
80
75
70
60
55
65
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
0
5
10
15
20
25
30
35
fOUT (MHz)
Figure 11. SFDR vs. fOUT and IOUTFS @ 65 MSPS and 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com