Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9767ASTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9767ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767ASTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9767ASTZ Datasheet HTML 11Page - Analog Devices AD9767ASTZ Datasheet HTML 12Page - Analog Devices AD9767ASTZ Datasheet HTML 13Page - Analog Devices AD9767ASTZ Datasheet HTML 14Page - Analog Devices AD9767ASTZ Datasheet HTML 15Page - Analog Devices AD9767ASTZ Datasheet HTML 16Page - Analog Devices AD9767ASTZ Datasheet HTML 17Page - Analog Devices AD9767ASTZ Datasheet HTML 18Page - Analog Devices AD9767ASTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 15 of 44
90
85
80
75
70
65
60
–20
0
–5
–10
–15
AOUT (dBFS)
0.91MHz/10MSPS
5.91MHz/65MSPS
2.27MHz/25MSPS
11.37MHz/125MSPS
Figure 29. Single-Tone SFDR vs. AOUT @ fOUT = fCLK/11
90
85
80
75
70
65
55
60
–20
0
–5
–10
–15
AOUT (dBFS)
1MHz/5MSPS
2MHz/10MSPS
5MHz/25MSPS
13MHz/65MSPS
25MHz/125MSPS
Figure 30. Single-Tone SFDR vs. AOUT @ fOUT = fCLK/5
80
75
70
65
55
60
–20
0
–5
–10
–15
AOUT (dBFS)
3.38MHz/3.36MHz@25MSPS
0.965MHz/1.035MHz@7MSPS
6.75MHz/7.25MHz@65MSPS
16.9MHz/18.1MHz@125MSPS
Figure 31. Dual-Tone SFDR vs. AOUT @ fOUT = fCLK/7
75
70
65
60
55
20
140
120
100
80
60
40
fCLK (MSPS)
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
Figure 32. SINAD vs. fCLK and IOUTFS @ fOUT = 5 MHz and 0 dBFS
0.6
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
4000
1000
2000
3000
CODE
Figure 33. Typical INL
0.05
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
Figure 34. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com