Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1752ACPZ-1.8-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1752ACPZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VIN
2
VIN
3
VIN
4
EN
11 VOUT
12 VOUT
10 VOUT
9
SENSE
TOP VIEW
(Not to Scale)
ADP1752
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO GND
INSIDE THE PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO THE GROUND PLANE ON THE BOARD.
PIN 1
INDICATOR
1
VIN
2
VIN
3
VIN
4
EN
11 VOUT
12 VOUT
10 VOUT
9
ADJ
TOP VIEW
(Not to Scale)
ADP1753
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO GND
INSIDE THE PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO THE GROUND PLANE ON THE BOARD.
Figure 3. ADP1752 Pin Configuration
Figure 4. ADP1753 Pin Configuration
Table 5. Pin Function Descriptions
ADP1752
Pin No.
ADP1753
Pin No.
Mnemonic
Description
1, 2, 3, 15, 16
1, 2, 3, 15, 16
VIN
Regulator Input Supply. Bypass VIN to GND with a 4.7 µF or greater capacitor. Note that all
five VIN pins must be connected to the source.
4
4
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the regulator. For
automatic startup, connect EN to VIN.
5
5
PG
Power Good. This open-drain output requires an external pull-up resistor to VIN. If the part is
in shutdown mode, current-limit mode, thermal shutdown, or if it falls below 90% of the
nominal output voltage, PG immediately transitions low.
6
6
GND
Ground.
7
7
SS
Soft Start. A capacitor connected to this pin determines the soft start time.
8
8
NC
Not Connected. No internal connection.
9
N/A
SENSE
Sense. This pin measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect of IR drop
between the regulator output and the load.
N/A
9
ADJ
Adjust. A resistor divider from VOUT to ADJ sets the output voltage.
10, 11, 12,
13, 14
10, 11, 12,
13, 14
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 4.7 µF or greater capacitor. Note that
all five VOUT pins must be connected to the load.
17 (EPAD)
17 (EPAD)
Exposed
paddle
(EPAD)
The exposed pad on the bottom of the LFCSP package enhances thermal performance and
is electrically connected to GND inside the package. It is recommended that the exposed
pad be connected to the ground plane on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com