Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1752ACPZ-1.8-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1752ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP1752/ADP1753
Rev. E | Page 13 of 20
2
2
CH1 1.0V BW
CH3 1.0V BW
CH2 500mV BW M40.0µs
A CH3
900mV
1
T 50.40%
T
VIN
1V/DIV
VOUT
500mV/DIV
PG
1V/DIV
VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 30. Typical PG Behavior vs. VOUT, VIN Rising (VOUT = 1.5 V)
2
2
CH1 1.0V BW
CH3 1.0V BW
CH2 500mV BW M40.0µs
A CH3
900mV
1
T 50.40%
T
VIN
1V/DIV
VOUT
500mV/DIV
PG
1V/DIV
VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 31. Typical PG Behavior vs. VOUT, VIN Falling (VOUT = 1.5 V)
REVERSE CURRENT PROTECTION FEATURE
The ADP1752/ADP1753 have additional circuitry to protect
against reverse current flow from VOUT to VIN. For a typical
LDO with a PMOS pass device, there is an intrinsic body diode
between VIN and VOUT. When VIN is greater than VOUT, this
diode is reverse-biased. If VOUT is greater than VIN, the intrinsic
diode becomes forward-biased and conducts current from VOUT
to VIN, potentially causing destructive power dissipation. The
reverse current protection circuitry detects when VOUT is greater
than VIN and reverses the direction of the intrinsic diode connec-
tion, reverse-biasing the diode. The gate of the PMOS pass
device is also connected to VOUT, keeping the device off.
Figure 32 shows a plot of the reverse current vs. the VOUT to VIN
differential.
4000
3500
3000
2500
2000
1500
1000
500
0
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
VOUT – VIN (V)
Figure 32. Reverse Current vs. VOUT − VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com