Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1752ACPZ-1.8-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1752ACPZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
0.8 A, Low VIN, Low Dropout
Linear Regulator
Data Sheet
ADP1752/ADP1753
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Maximum output current: 0.8 A
Input voltage range: 1.6 V to 3.6 V
Low shutdown current: <2 µA
Very low dropout voltage: 70 mV @ 0.8 A load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2%
7 fixed output voltage options with soft start
0.75 V to 2.5 V (ADP1752)
Adjustable output voltage option with soft start
0.75 V to 3.3 V (ADP1753)
High PSRR
65 dB @ 1 kHz
65 dB @ 10 kHz
54 dB @ 100 kHz
23 μV rms at 0.75 V output
Stable with small 4.7 µF ceramic output capacitor
Excellent load and line transient response
Current-limit and thermal overload protection
Power-good indicator
Logic-controlled enable
Reverse current protection
APPLICATIONS
Server computers
Memory components
Telecommunications equipment
Network equipment
DSP/FPGA/microprocessor supplies
Instrumentation equipment/data acquisition systems
TYPICAL APPLICATION CIRCUITS
TOP VIEW
(Not to Scale)
ADP1752
1
2
3
4
VIN
VIN
100kΩ
4.7µF
4.7µF
VIN = 1.8V
VOUT = 1.5V
VIN
EN
12
11
10
9
VOUT
VOUT
VOUT
SENSE
5
6
7
8
PG
GND
SS
NC
PG
16
15
14
13
VIN
VIN VOUT VOUT
10nF
Figure 1. ADP1752 with Fixed Output Voltage, 1.5 V
TOP VIEW
(Not to Scale)
ADP1753
1
2
3
4
VIN
VIN
100kΩ
4.7µF
4.7µF
VIN = 1.8V
VOUT = 0.5V(1 + R1/R2)
VIN
EN
12
11
10
9
VOUT
VOUT
VOUT
ADJ
5
6
7
8
PG
GND
SS
NC
PG
16
15
14
13
VIN
VIN VOUT VOUT
10nF
R2
R1
Figure 2. ADP1753 with Adjustable Output Voltage, 0.75 V to 3.3 V
GENERAL DESCRIPTION
The ADP1752/ADP1753 are low dropout (LDO) CMOS linear
regulators that operate from 1.6 V to 3.6 V and provide up to
800 mA of output current. These low VIN/VOUT LDOs are ideal
for regulation of nanometer FPGA geometries operating from
2.5 V down to 1.8 V I/O rails, and for powering core voltages
down to 0.75 V. Using an advanced proprietary architecture,
they provide high power supply rejection ratio (PSRR) and low
noise, and achieve excellent line and load transient response
with only a small 4.7 µF ceramic output capacitor.
The ADP1752 is available in seven fixed output voltage options.
The ADP1753 is the adjustable version, which allows output
voltages that range from 0.75 V to 3.3 V via an external divider.
The ADP1752/ADP1753 allow an external soft start capacitor
to be connected to program the startup. A digital power-good
output allows power system monitors to check the health of the
output voltage.
The ADP1752/ADP1753 are available in a 16-lead, 4 mm × 4 mm
LFCSP, making them not only very compact solutions, but also
providing excellent thermal performance for applications that
require up to 800 mA of output current in a small, low profile
footprint.


Similar Part No. - ADP1752ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1752 AD-ADP1752 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1752 AD-ADP1752 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1752 AD-ADP1752 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1752 AD-ADP1752 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results

Similar Description - ADP1752ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
Linear Technology
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Analog Devices
ADP1765 AD-ADP1765 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com