Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.8-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1752ACPZ-1.8-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.8-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1752ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP1752/ADP1753
Rev. E | Page 15 of 20
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and COUT = 4.46 μF at 1.8 V, as shown in Figure 35.
Substituting these values in Equation 3 yields
CEFF = 4.46 μF × (1 − 0.15) × (1 − 0.1) = 3.41 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temper-
ature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP1752/ADP1753, it is
imperative that the effects of dc bias, temperature, and toler-
ances on the behavior of the capacitors be evaluated for each
application.
UNDERVOLTAGE LOCKOUT
The ADP1752/ADP1753 have an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage is less than approximately 1.58 V. This ensures that the
ADP1753/ADP1753 inputs and the output behave in a predicta-
ble manner during power-up.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1752/ADP1753 are protected against damage due to
excessive power dissipation by current-limit and thermal
overload protection circuits. The ADP1752/ADP1753 are
designed to reach current limit when the output load reaches
1.4 A (typical). When the output load exceeds 1.4 A, the output
voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C (typical). Under
extreme conditions (that is, high ambient temperature and
power dissipation) when the junction temperature begins to
rise above 150°C, the output is turned off, reducing the output
current to zero. When the junction temperature drops below
135°C (typical), the output is turned on again and the output
current is restored to its nominal value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADP1752/ADP1753 reach current limit so
that only 1.4 A is conducted into the short. If self-heating of
the junction becomes great enough to cause its temperature to
rise above 150°C, thermal shutdown activates, turning off the
output and reducing the output current to zero. As the junction
temperature cools and drops below 135°C, the output turns on
and conducts 1.4 A into the short, again causing the junction
temperature to rise above 150°C. This thermal oscillation between
135°C and 150°C causes a current oscillation between 1.4 A and
0 A that continues as long as the short remains at the output.
Current-limit and thermal overload protections are intended to
protect the device against accidental overload conditions. For
reliable operation, device power dissipation should be externally
limited so that junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of the
ADP1752/ADP1753 must not exceed 125°C. To ensure that the
junction temperature stays below this maximum value, the user
needs to be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient tempera-
ture, power dissipation in the power device, and thermal resistance
between the junction and ambient air (θJA). The θJA value is depen-
dent on the package assembly compounds used and the amount
of copper to which the GND pin and the exposed pad (EPAD)
of the package are soldered on the PCB. Table 6 shows typical
θJA values for the 16-lead LFCSP for various PCB copper sizes.
Table 7 shows typical ΨJB values for the 16-lead LFCSP.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W), LFCSP
01
130
100
80
500
69
1000
54
6400
42
1
Device soldered to minimum size pin traces.
Table 7. Typical ΨJB Values
Copper Size (mm2)
ΨJB (°C/W) @ 1 W
100
32.7
500
31.5
1000
25.5
The junction temperature of the ADP1752/ADP1753 can be
calculated from the following equation:
TJ = TA + (PD × θJA)
(4)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(5)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation can
be simplified as follows:
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
(6)
As shown in Equation 6, for a given ambient temperature, input-
to-output voltage differential, and continuous load current, a
minimum copper size requirement exists for the PCB to ensure
that the junction temperature does not rise above 125°C. Figure 36
through Figure 41 show junction temperature calculations for
different ambient temperatures, load currents, VIN to VOUT
differentials, and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com