Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.8-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1752ACPZ-1.8-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.8-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1752ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 14 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP1752/ADP1753 are designed for operation with small,
space-saving ceramic capacitors, but they can function with most
commonly used capacitors as long as care is taken with the
effective series resistance (ESR) value. The ESR of the output
capacitor affects the stability of the LDO control loop. A mini-
mum of 3.3 µF capacitance with an ESR of 500 mΩ or less is
recommended to ensure the stability of the ADP1752/ADP1753.
Transient response to changes in load current is also affected by
output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP1752/ADP1753 to
large changes in load current. Figure 33 and Figure 34 show the
transient responses for output capacitance values of 4.7 µF and
22 µF, respectively.
CH1
500mA Ω BW CH2 50mV BW M1µs
A CH1
380mA
1
2
T 11.6%
T
ILOAD
1mA TO 800mA LOAD STEP, 2V/µs, 500mA/DIV
VOUT
50mV/DIV
VIN = 3.6V, VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 33. Output Transient Response, COUT = 4.7 µF
CH1
500mA Ω BW CH2 20mV BW M1µs
A CH1
530mA
1
2
T 12.2%
T
ILOAD
1mA TO 800mA LOAD STEP, 2V/µs, 500mA/DIV
VOUT
20mV/DIV
VIN = 3.6V, VOUT = 1.5V
CIN = COUT = 22µF
Figure 34. Output Transient Response, COUT = 22 µF
Input Bypass Capacitor
Connecting a 4.7 µF capacitor from the VIN pin to GND reduces
the circuit sensitivity to printed circuit board (PCB) layout,
especially when long input traces or high source impedance
are encountered. If output capacitance greater than 4.7 µF is
required, it is recommended that the input capacitor be increased
to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADP1752/ADP1753, as long as they meet the minimum
capacitance and maximum ESR requirements. Ceramic
capacitors are manufactured with a variety of dielectrics,
each with different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure
the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R or X7R dielectrics with a
voltage rating of 6.3 V or 10 V are recommended. Y5V and
Z5U dielectrics are not recommended, due to their poor tempera-
ture and dc bias characteristics.
Figure 35 shows the capacitance vs. voltage bias characteristics
of an 0805 case, 4.7 µF, 10 V, X5R capacitor. The voltage stability
of a capacitor is strongly influenced by the capacitor size and
voltage rating. In general, a capacitor in a larger package or with
a higher voltage rating exhibits better stability. The temperature
variation of the X5R dielectric is about ±15% over the −40°C to
+85°C temperature range and is not a function of package size
or voltage rating.
5
4
3
2
1
0
0
2
4
6
8
10
VOLTAGE BIAS (V)
MURATA P/N GRM219R61A475KE34
Figure 35. Capacitance vs. Voltage Bias Characteristics
Equation 3 can be used to determine the worst-case capacitance
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
(3)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com