Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.8-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1752ACPZ-1.8-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.8-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1752ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP1752ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 16 of 20
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 36. 6400 mm2 of PCB Copper, TA = 25°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 37. 500 mm2 of PCB Copper, TA = 25°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 38. 0 mm2 of PCB Copper, TA = 25°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 39. 6400 mm2 of PCB Copper, TA = 50°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD = 800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 40. 500 mm2 of PCB Copper, TA = 50°C, LFCSP
140
120
100
80
60
40
20
0
0.25
0.75
1.25
1.75
2.25
2.75
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD =
800mA
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 400mA
LOAD = 200mA
Figure 41. 0 mm2 of PCB Copper, TA = 50°C, LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com