Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75970B2DGG Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75970B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B2DGG Datasheet(HTML) 5 Page - Texas Instruments

  SN75970B2DGG Datasheet HTML 1Page - Texas Instruments SN75970B2DGG Datasheet HTML 2Page - Texas Instruments SN75970B2DGG Datasheet HTML 3Page - Texas Instruments SN75970B2DGG Datasheet HTML 4Page - Texas Instruments SN75970B2DGG Datasheet HTML 5Page - Texas Instruments SN75970B2DGG Datasheet HTML 6Page - Texas Instruments SN75970B2DGG Datasheet HTML 7Page - Texas Instruments SN75970B2DGG Datasheet HTML 8Page - Texas Instruments SN75970B2DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential bus voltage range (B side)
–10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal-ended bus voltage range (A side and control)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: B side (see Note 2): Class 3, A:
12 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Class 3, B:
400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All terminals: Class 2, A:
4 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Class 2, B:
400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the GND terminals.
2. This absolute maximum rating is tested in accordance with MIL-STD-883C, Method 3015.7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DGG
3333 mW
26.7 mW/
°C
2133 mW
DL
3709 mW
29.7 mW/
°C
2374 mW
‡ This is the inverse of the traditional junction-to-case thermal resistance (RθJA) for High-K (per
JEDEC) PCB installations.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High level input voltage VIH
A side, DSENS, TEST, RESET, AND RSTFLTR
2
V
High-level input voltage, VIH
CLK40 AND X1/CLK20
0.7 VCC
V
Low level input voltage VIL
A side, DENS, TEST, RESET, and RSTFLTR
0.8
V
Low-level input voltage, VIL
CLK40 AND X1/CLK20
0.2 VCC
V
Input voltage at any bus terminal (separately or
B side
12
V
gy
(
y
common-mode), VI
B side
–7
V
High level output current IOH
A side, DRVBUS, SDB, TIMEOUT
–16
mA
High-level output current, IOH
X2
–4
mA
Low level output current IOL
A side, DRVBUS, and SDB
16
mA
Low-level output current, IOL
X2
4
mA
Clock frequency fCLK
CLK20
20
MHz
Clock frequency, fCLK
CLK40
40
MHz
Operating case temperature, TC
0
125
°C
Operating free-air temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com